Electronic Components Datasheet Search
  English  ▼

X  

KB26 Datasheet(PDF) 32 Page - Jonard Tools.

Part # KB26
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB26 Datasheet(HTML) 32 Page - Jonard Tools.

Back Button KB26 Datasheet HTML 28Page - Jonard Tools. KB26 Datasheet HTML 29Page - Jonard Tools. KB26 Datasheet HTML 30Page - Jonard Tools. KB26 Datasheet HTML 31Page - Jonard Tools. KB26 Datasheet HTML 32Page - Jonard Tools. KB26 Datasheet HTML 33Page - Jonard Tools. KB26 Datasheet HTML 34Page - Jonard Tools. KB26 Datasheet HTML 35Page - Jonard Tools. KB26 Datasheet HTML 36Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
CATV & FIBER OPTIC TOOLS
JONARD
P/N
DESCRIPTION
TK-375
3 Piece Fiber Optic Kit
H-35
Plastic Molded Pouch
JIC-375
Fiber Optic Stripper- 3 Hole
ES-1964
Electrician Scissor
THREE PIECE FIBER OPTIC KIT TK-375
Kit includes the JIC-375 Fiber Optic Stripper three
hole, ES-1964 Electrician's Scissor, and convenient
molded plastic pouch made of durable PVC material
and will accommodate belts up to 2” in width.
H
H--3355
JJIIC
C--337755
EESS--11996644
TTK
K--337755
JONARD
P/N
DESCRIPTION
TK-400
3 Piece Splicer’s Kit
H-40
Leather Pouch
KN-7
Ergonomic Cable Splicing Knife
ES-1964
Electrician Scissor
SPLICER’S KIT TK-400
This compact kit contains an ergonomic splicers knife,
scissor and leather pouch. The knife features a 1 3/4”
tough, cutlery-steel blade and a non-slip handle. The
scissors are made of high carbon steel with scraper
and file on one side and 2 stripping notches on the
other. Both items fit securely in the leather pouch
which can be mounted on belts up to 2” wide.
H
H--4400
TTK
K--440000
K
KN
N--77
EESS--11996644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com