Electronic Components Datasheet Search
  English  ▼

X  

KB26 Datasheet(PDF) 19 Page - Jonard Tools.

Part # KB26
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB26 Datasheet(HTML) 19 Page - Jonard Tools.

Back Button KB26 Datasheet HTML 15Page - Jonard Tools. KB26 Datasheet HTML 16Page - Jonard Tools. KB26 Datasheet HTML 17Page - Jonard Tools. KB26 Datasheet HTML 18Page - Jonard Tools. KB26 Datasheet HTML 19Page - Jonard Tools. KB26 Datasheet HTML 20Page - Jonard Tools. KB26 Datasheet HTML 21Page - Jonard Tools. KB26 Datasheet HTML 22Page - Jonard Tools. KB26 Datasheet HTML 23Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
COPPER WIRE CUT & STRIP TOOLS
The OK-3907 Series from OK Industries is the industry’s
leading cut-and-strip tool for copper interconnect
applications. Installers and telecom technicians enjoy its
rugged construction, ergonomic plastic grips, and high-
leverage handle design, which allows time savings
through the simultaneous cutting of multiple wires.
Blades are made from specially tempered spring steel for
clean, nick-free wire stripping.
A D J U S T A B L E P R E C I S I O N W I R E
S T R I P P E R S O K - 3 9 0 7 SERIES
Part No.
Wire Size
Adjustable Strip-Off Length
Replacement
AWG
mm
Inchs
mm
Blade
OK-3907-2224
22-24 0.65-0.50
1-1⁄2" to 1-3⁄4"
38.10 to 44.45
SB-2224
OK-3907-2426
24-26 0.50-0.40
1-1⁄2" to 1-3⁄4"
38.10 to 44.45
SB-2426
OK-3907-2830
28-30 0.32-0.25
7/8” to 1 1/8”
22.22 to 28.57
SB-2830
These Precision Wire Strippers feature an
adjustment dial that allows the operator to
select one of six different settings. A
calibrated wire stop can then be adjusted
for the desired insulation strip length. In a
single motion, the operator squeezes and
pulls the tool. This action engages four
specially hardened blades to cleanly cut the
wire insulation while the pulling motion
breaks the insulation / conductor bond.
Part No.
ST-450
ST-500
ST-500ESD
ST-550
For ESD Use
Wire Gauge
26-36 AWG
20-30 AWG
20-30 AWG
18-28 AWG
0.40 to 0.12mm
0.80 to 0.25mm
0.80 to 0.25mm
1.00 to 0.30mm
Housing Material
ABS
ABS
ESD Safe Polycarbonate
ABS
O
OK
K--33990077
I
Adjustable to six wire gauges:
ST-450 26 to 36 AWG (0.40 to 0.12mm)
ST-500 20 to 30 AWG (0.80 to 0.25mm)
ST-500ESD 20 to 30 AWG (0.80 to 0.25mm)
ST-550 18 to 28 AWG (1.00 to 0.30mm)
I
Calibrated Wire Stop adjustable to 2” (50.8mm)
I
Clean, precise strip of any insulation type
I
Lightweight-weighs 1 oz.
I
Blade is hardened steel (RC58)
I
Dimensions 3.9” x 1.6” x 0.6”
(99 mm x 42 mm x 14 mm)
ST-550
ST-500ESD
A D J U S T A B L E P R E C I S I O N W I R E S T R I P P E R S
SSB
B--22222244
SSB
B--22442266
SSB
B--22883300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com