Electronic Components Datasheet Search
  English  ▼

X  

KB26 Datasheet(PDF) 16 Page - Jonard Tools.

Part # KB26
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB26 Datasheet(HTML) 16 Page - Jonard Tools.

Back Button KB26 Datasheet HTML 12Page - Jonard Tools. KB26 Datasheet HTML 13Page - Jonard Tools. KB26 Datasheet HTML 14Page - Jonard Tools. KB26 Datasheet HTML 15Page - Jonard Tools. KB26 Datasheet HTML 16Page - Jonard Tools. KB26 Datasheet HTML 17Page - Jonard Tools. KB26 Datasheet HTML 18Page - Jonard Tools. KB26 Datasheet HTML 19Page - Jonard Tools. KB26 Datasheet HTML 20Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
WRAP
/ STRIP / U N W R A P T O O L S
Part No.
Pins
Row Spacing
Qty./Pkg.
ID-8-100
8
.3" (7.5mm)
100
ID-16-100
16
.3" (7.5mm)
100
ID-18-50
18
.3" (7.5mm)
50
ID-20-50
20
.3" (7.5mm)
50
ID-22-50
22
.4" (10mm)
50
ID-24-50
24
.6" (15mm)
50
ID-28-50
28
.6" (15mm)
50
ID-40-25
40
.6" (15mm)
25
ID-96-25
96
.3" (7.5mm)
25
SOCKET - W R A P I . D . ™
Increase Wiring Speed and Reduce Errors.
Used to identify pin numbers on wire wrapping sockets.
Consisting of a socket-sized plastic panel with numbered
holes in the pin location, the Socket Wrap-ID is simply
slipped onto the socket before wrapping. You can also
write on them for easy identification of location, IC Part
number, function, etc. These unique items greatly
simplify both initial wire wrapping and subsequent
troubleshooting or repair. A great help to technicians,
and production facilities alike.
Each WSU tool wraps, unwraps and even strips the
appropriate wire diameter with a unique built-in
stripper blade. Ideal for bench use or tool kit in
all service and repair applications. In addition to
versatility, convenience, and reliability, the WSU
Series offers exceptional value.
WSU-26M
(Modified Wrap)
WSU-24M
(Modified Wrap)
WSU-30
(Regular Wrap)
WSU-30M
(Modified Wrap)
WSU-2224
(Regular Wrap)
WRAP / STRIP / UNWRAP TOOLS
PATENTED
Max. Insulation
Terminal Hole
Terminal
Outside
Square
Wire Size
Diameter
Diameter
Hole Depth
Diameter
Post
AWG
mm
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
22-24
0.65-0.50
.075
1.90
1.50
38.1
.213
5.4
.045
1.14
24
0.50
.036
0.92
.075
1.90
1.50
38.1
.213
5.4
.045
1.14
26
0.40
.034
0.86
.075
1.90
1.50
38.1
.213
5.4
.045
1.14
30
0.25
.036
0.91
1.50
38.1
.125
3.2
.025
0.63
30
0.25
.021
0.53
.036
0.91
1.50
38.1
.125
3.2
.025
0.63
Part No.
Reg
Mod
WSU-2224
G
WSU-24M
G
WSU-26M
G
WSU-30
G
WSU-30M
G
These tools are recommended for .025” (0.63mm) square terminals on .100” (2.54mm) centers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com