Electronic Components Datasheet Search
  English  ▼

X  

KB26 Datasheet(PDF) 9 Page - Jonard Tools.

Part # KB26
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB26 Datasheet(HTML) 9 Page - Jonard Tools.

Back Button KB26 Datasheet HTML 5Page - Jonard Tools. KB26 Datasheet HTML 6Page - Jonard Tools. KB26 Datasheet HTML 7Page - Jonard Tools. KB26 Datasheet HTML 8Page - Jonard Tools. KB26 Datasheet HTML 9Page - Jonard Tools. KB26 Datasheet HTML 10Page - Jonard Tools. KB26 Datasheet HTML 11Page - Jonard Tools. KB26 Datasheet HTML 12Page - Jonard Tools. KB26 Datasheet HTML 13Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
The combination of the G100/R3394CT unwrap tool and the PUW unwrap bit &
sleeve set gives you the best tool for high speed wire unwrapping. High
production, long life, low maintenance. Use Unwrap Set PUW2226 for wire
AWG 20 thru 26 (0.80 thru 0.40mm).
Unwrap Bit
Unwrap Sleeve
Bit and Sleeve Set
Wire Size
Terminal Hole Diameter
Part No.
Part No.
Set No.
AWG
mm
Inches
mm
2026UB
SOK2230
PUW2226
20-26
0.80-0.40
.070
1.77
G100/R3394CT
G100/R3278FL
I
G100/R3394CT : Manual Wire Unwrapping Tool
(See bit & sleeve listed below)
MANUAL WIRE U N W R A P P I N G T O O L
G100-FL
G100-FLA
Add the convenience of task lighting to your wire
wrapping gun with this Wire Wrapping Flashlight Kit.
Compatible with all wire wrapping tools.
This LED Flashlight Kit uses a standard AAA battery
(included). Mounted on a bracket, this attachment
installs in minutes and provides task lighting for those
poorly lit areas. Flashlight is positioned for both 3"
and 5" bits & sleeves so No Adjustments are necessary.
9
This tool combines the rugged durability of all metal construction with
an insulative material that provides 1000V dielectric strength across most of the housing, and an LED
flashlight for task lighting...No more working in the dark! The flashlight uses a standard AAA battery, which
can be easily changed. Flashlight is positioned for both 3” and 5” bits and sleeves so no adjustments are
necessary.
The G100/R3278FL provides up to ten revolutions per squeeze of the trigger, and can accommodate wire sizes from
18-32 AWG. This hand operated wire-wrapping tool uses interchangeable bits and sleeves. And when you use our
insulated sleeves, shorting between the pins of the main frame and other equipment is minimized.
MANUAL WIRE WRAPPING &
UNWRAPPING TOOLS
Part No.
Construction
For Use With
G100-FL
Metal
G100/R3278, G100/R3278INS, WG-350, WG-350INS
G100-FLA
Plastic
Universal-for use with most manual wire wrapping guns
W I R E W R A P P I N G F L A S H L I G H T K I T
I N S U L AT E D M A N U A L W I R E W R A P P I N G T O O L W I T H L E D F L A S H L I G H T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com