Electronic Components Datasheet Search
  English  ▼

X  

EPB-B Datasheet(PDF) 45 Page - Jonard Tools.

Part # EPB-B
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

EPB-B Datasheet(HTML) 45 Page - Jonard Tools.

Back Button EPB-B Datasheet HTML 41Page - Jonard Tools. EPB-B Datasheet HTML 42Page - Jonard Tools. EPB-B Datasheet HTML 43Page - Jonard Tools. EPB-B Datasheet HTML 44Page - Jonard Tools. EPB-B Datasheet HTML 45Page - Jonard Tools. EPB-B Datasheet HTML 46Page - Jonard Tools. EPB-B Datasheet HTML 47Page - Jonard Tools. EPB-B Datasheet HTML 48Page - Jonard Tools. EPB-B Datasheet HTML 49Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
45
H
HA
AN
ND
D W
WR
RA
APPPPIIN
NG
G TTO
OO
OLLSS
Wire wrapping tool has a handle and shell,
covered with a sleeve of insulating material.
With a .073” diameter x .750” deep hole to
accommodate a terminal. 5” long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
W
WD
DII--22442266 Hand Wrapping Tool 24-26 gauge
H
HA
AN
ND
D W
WR
RA
APP TTO
OO
OLL
This manual wire wrapping tool allows you to
make uniform, gas-tight solderless wrapped
connections with 22 and 24 gauge wire. Red
handle. 5” long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--2222668811 Hand Wrap Tool
W
WD
DII--22442266
JJIIC
C--2222668811
H
HA
AN
ND
D U
UN
NW
WR
RA
APPPPIIN
NG
G TTO
OO
OLL
This manual wire unwrapping tool consists of
a threaded steel bit and blue plastic handle.
A terminal hole is provided to accommodate
terminals with cross-section dimensions up to
.032 x .062 inches. 5" long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--2200555511 Manual Wire Unwrapping Tool
SSLLEEEEV
VEED
D U
UN
NW
WR
RA
APPPPIIN
NG
G TTO
OO
OLL
This versatile unwrapping tool with a funnel-
shaped spring loaded sleeve. This is a single
ended insulated tool with a yellow plastic
handle used for 20-26 gauge wire. 5 1/2"
long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
U
UD
D--22222244 Sleeved unwrapping tool
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
U
UD
DLLR
R--22002266
Hand unwrapping tool for 20-26 wire
with a .070” diameter hole
U
UD
DLLR
R--22443322
Hand unwrapping tool for 24-32 wire
with a .040” diameter hole
H
HA
AN
ND
D U
UN
NW
WR
RA
APPPPIIN
NG
G TTO
OO
OLLSS
These double ended tools with a metal
handle are for left and right hand use. 6"
long.
JJIIC
C--2200555511
U
UD
D--22222244
U
UD
DLLR
R--22002266
U
UD
DLLR
R--22443322
WIRE WRAP/UNWRAP TOOLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com