Electronic Components Datasheet Search
  English  ▼

X  

EPB-B Datasheet(PDF) 20 Page - Jonard Tools.

Part # EPB-B
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

EPB-B Datasheet(HTML) 20 Page - Jonard Tools.

Back Button EPB-B Datasheet HTML 16Page - Jonard Tools. EPB-B Datasheet HTML 17Page - Jonard Tools. EPB-B Datasheet HTML 18Page - Jonard Tools. EPB-B Datasheet HTML 19Page - Jonard Tools. EPB-B Datasheet HTML 20Page - Jonard Tools. EPB-B Datasheet HTML 21Page - Jonard Tools. EPB-B Datasheet HTML 22Page - Jonard Tools. EPB-B Datasheet HTML 23Page - Jonard Tools. EPB-B Datasheet HTML 24Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
DESOLDERING PUMPS
Features
I
Precision regulated return.
I
Replaceable tip.
I
Compact, anti-corrosive plastic housing.
I
Precision metal plunger.
I
Sealed vacuum chamber.
I
Easy cleaning.
I
8” Long including tip
Part No.
Description
DP-140
Desoldering Pump
DPT-100
1 Replacement Tip, DP-100/DP-140
A specially engineered desolder pump made to exacting specifications and providing precise
repeatable operation. Fitted with a Teflon Tip. 13” long including tip
H I G H - VA C U U M D E S O L D E R I N G P U M P S
Features
I
Durable corrosion resistant
plastic construction.
I
Precision metal plunger.
I
Corrosion treated springs.
I
Insulated vacuum pulse.
I
Regulated return (1 millisecond ±30%).
I
Uniform reset pressure (11in. lbs. ±20%).
I
Cushioned shock reduction (pulse release
to minimize board damage).
Part No.
Description
DP-100
High Vacuum Desoldering Pump
DP-200
High Vacuum Desoldering Pump, ESD Safe
DPT-100
1 Replacement Tip, DP-100/DP-140
DPT-200
1 Replacement Tip, DP-200
STATIC SAFE
DP-140
DP-100
DP-200
20
DPT-100
DPT-200
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com