Electronic Components Datasheet Search
  English  ▼

X  

EPB-B Datasheet(PDF) 7 Page - Jonard Tools.

Part # EPB-B
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

EPB-B Datasheet(HTML) 7 Page - Jonard Tools.

Back Button EPB-B Datasheet HTML 3Page - Jonard Tools. EPB-B Datasheet HTML 4Page - Jonard Tools. EPB-B Datasheet HTML 5Page - Jonard Tools. EPB-B Datasheet HTML 6Page - Jonard Tools. EPB-B Datasheet HTML 7Page - Jonard Tools. EPB-B Datasheet HTML 8Page - Jonard Tools. EPB-B Datasheet HTML 9Page - Jonard Tools. EPB-B Datasheet HTML 10Page - Jonard Tools. EPB-B Datasheet HTML 11Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
Min. Terminal Max. Terminal
Terminal
Terminal Hole
Effective
Part #
Description
Wire Size
Diagonal
Diagonal
Hole Depth
Diameter
Radius
AWG MM
IN.
MM
IN.
MM
IN.
MM
IN.
MM
IN.
MM
DFB224
Wrap/Unwrap Bit/Sleeve Set 22-24 AWG 22/24 .50/.65
.054
1.37
.073
1.85
0.50
12.70 .075
1.90
.111
2.82
KB-DF224 Replacement bit for DFB224
P-DF224
Replacement Sleeve for DFB224
DFB2426
Wrap/Unwrap Bit/Sleeve Set 24-26 AWG 24/26 .40/.50
.054
1.37
.065
1.65
0.50
12.70 .066
1.67
.098
2.48
KB-DF2426 Replacement bit for DFB2426
P-DF2426
Replacement Sleeve for DFB2426
The Wrap/Unwrap bit is shipped with the sleeve set in the wrap position. To change to the unwrap function simply
pull the sleeve out approximately 1/4” (the sleeve is spring loaded and you should feel some tension while pulling
forward), rotate the sleeve in either direction 1800 and release. The sleeve should now be seated approximately 1/4”
lower than in the wrap position. This will expose the unwrap feature on the bit.
To change back to the wrap position pull the sleeve out approximately 1/2” and rotate the sleeve in either direction
1800 and release. The spout should be in the 12:00 position and the sleeve should be locked in position.
Note: If you cannot rotate the sleeve, you need to pull the sleeve out further before trying to rotate the sleeve.
D F B 2 2 4 & D F B 2 4 2 6 D U A L F U N C T I O N B I T / S L E E V E S E T S
H O W T O U S E T H E D F B 2 2 4 & D F B 2 4 2 6
DUAL FUNCTION
WRAP
/UNWRAP BIT & SLEEVE SETS
This innovative Patented product represents a truly revolutionary approach to wire wrapping, by combining both the wrap
and the unwrap functions into one bit/sleeve set. The bit is precision machined for high quality wrapping in the clockwise
direction, but also includes the removal mechanism that is used to unwrap when operated counterclockwise. The user can
quickly and easily switch back and forth between wrap and unwrap mode by retracting or extending the retractable sleeve,
and flipping the switch on a wrap/unwrap power tool (i.e., a power wire wrapping tool with reversible motor). This product,
which can wrap or unwrap 22–26 AWG wire (depending on set), enables the user to maximize operating efficiency while
eliminating the need to purchase and carry extra tools or bits for unwrapping. Also, to prevent pin-to-pin shorting, the
retractable sleeve is coated with a durable 1000V dielectric material.
Note: The DFB set can only be used with the PTX or other powered wire wrapping tools with a reverse mode.
7
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com