Electronic Components Datasheet Search
  English  ▼

X  

EPB-B Datasheet(PDF) 33 Page - Jonard Tools.

Part # EPB-B
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

EPB-B Datasheet(HTML) 33 Page - Jonard Tools.

Back Button EPB-B Datasheet HTML 29Page - Jonard Tools. EPB-B Datasheet HTML 30Page - Jonard Tools. EPB-B Datasheet HTML 31Page - Jonard Tools. EPB-B Datasheet HTML 32Page - Jonard Tools. EPB-B Datasheet HTML 33Page - Jonard Tools. EPB-B Datasheet HTML 34Page - Jonard Tools. EPB-B Datasheet HTML 35Page - Jonard Tools. EPB-B Datasheet HTML 36Page - Jonard Tools. EPB-B Datasheet HTML 37Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
CATV & FIBER OPTIC TOOLS
JONARD
P/N
DESCRIPTION
TK-22148
Telephone Installer Splicer Kit
H-35
Plastic Molded Pouch
JIC-22148
Combo Crimper Long Nose Plier
ES-1964
Electrician Scissor
JONARD
P/N
DESCRIPTION
TK-50
Five Piece Telecom Installers Kit
H-50
Plastic Molded Pouch
KN-7
Ergonomic Cable splicing Knife
M-216C/EX
Can Wrench
JIC-22035
Probe Pick Spudger
ES-1964
Electrician Scissor
TTK
K--2222114488
H
H--3355
JJIIC
C--2222114488
EESS--11996644
TELEPHONE INSTALLER SPLICER KIT TK-22148
Designed for stripping, splicing and crimping.
The perfect kit for telephone installers.
Kit contains the ES-1964 Electrician’s Scissors,
JIC-22148 Combo Crimper Long Nose Plier and
the H-35 Pouch made of durable PVC material
and will accommodate belts up to 2” in width.
Whether it's Fiber Optic, Coax, or Copper this versatile kit
contains the perfect tools for today's demanding
technician. The TK-450 Kit is perfect for the VOIP installer,
Fiber Technician or Communications Specialist and comes
with Jonard's lifetime warranty.
Each Kit contains: Cable Splicers Knife, Electrician’s
Scissors, Diagonal Plier, Crimper/Long Nose Plier, Lineman’s
Plier, Can Wrench, Booth Wrench, Speed Wrench, Probe
Pick, Wire Stripper, Curved Needle Nose Plier, Coax Cable
Cutter, Torque Wrench, Fiber Optic Stripper Three Hole. &
Combination Wrench secured in a convenient easy to carry
Cordura case.
FIVE PIECE TELECOM INSTALLERS KIT
TK-50
The perfect kit for simple
installations–includes the basic
necessities.
Kit includes the M-216C/EX Can Wrench,
KN-7 Ergonomic Cable Splicing Knife,
ES-1964 Electrician’s Scissors and the
H-50 Pouch made of durable PVC
material and will accommodate belts up
to 2” in width.
TTK
K--5500
EESS--11996644
JJIIC
C--2222003355
M
M--221166C
C//EEX
X
K
KN
N--77
TTK
K--445500
H
H--5500
CATV/TELECOM INSTALLERS KIT - TK-450
Assembled in a convenient, easy to carry Cordura case,
this kit contains the basic service tools essential for
equipment installation, repairs and cable preparations.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
TK-450
CATV/Telecom Installers Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com