Electronic Components Datasheet Search
  English  ▼

X  

EPB-B Datasheet(PDF) 8 Page - Jonard Tools.

Part # EPB-B
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

EPB-B Datasheet(HTML) 8 Page - Jonard Tools.

Back Button EPB-B Datasheet HTML 4Page - Jonard Tools. EPB-B Datasheet HTML 5Page - Jonard Tools. EPB-B Datasheet HTML 6Page - Jonard Tools. EPB-B Datasheet HTML 7Page - Jonard Tools. EPB-B Datasheet HTML 8Page - Jonard Tools. EPB-B Datasheet HTML 9Page - Jonard Tools. EPB-B Datasheet HTML 10Page - Jonard Tools. EPB-B Datasheet HTML 11Page - Jonard Tools. EPB-B Datasheet HTML 12Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
G100/R3278 Aluminum
MANUAL WIRE WRAPPING TOOLS
I
G200/R3278 : Lexan™
I
G100/R3278 : Aluminum
I
G100/R3278INS : Aluminum (insulated)
I
For Bits & Sleeves : see pages 10-12
M A N U A L W I R E
W R A P P I N G T O O L S
G200/R3278 Lexan™
G100/R3278INS Insulated
For precise reliable wraps, choose the tool you
want. We offer durability with our rugged
aluminum tool, G100/R3278, added protection
with our insulated version, G100/R3278INS,
providing 1000V of dielectric strength across
most of the housing, and the same reliability,
light weight plus a lower cost with our Lexan®
model, G200/R3278. These tools accommodate
wire sizes from 18 AWG (1.00mm) thru 32 AWG
(0.20mm).
8
Also available– bits and sleeves for old
style chuckless wire wrapping tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com