Electronic Components Datasheet Search
  English  ▼

X  

PMBTH81 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMBTH81
Description  PNP 1 GHz switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTH81 Datasheet(HTML) 5 Page - NXP Semiconductors

  PMBTH81 Datasheet HTML 1Page - NXP Semiconductors PMBTH81 Datasheet HTML 2Page - NXP Semiconductors PMBTH81 Datasheet HTML 3Page - NXP Semiconductors PMBTH81 Datasheet HTML 4Page - NXP Semiconductors PMBTH81 Datasheet HTML 5Page - NXP Semiconductors PMBTH81 Datasheet HTML 6Page - NXP Semiconductors PMBTH81 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
September 1995
5
Philips Semiconductors
Product specification
PNP 1 GHz switching transistor
PMBTH81
Fig.6
Current gain-bandwidth product as a
function of collector current.
VCE =10 V; f = 100 MHz.
handbook, halfpage
020
1000
0
200
400
600
gain
bandwidth
product
(MHz)
IC (mA)
800
4
8
12
16
MRA567



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com