Electronic Components Datasheet Search
  English  ▼

X  

PMBTH81 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMBTH81
Description  PNP 1 GHz switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTH81 Datasheet(HTML) 3 Page - NXP Semiconductors

  PMBTH81 Datasheet HTML 1Page - NXP Semiconductors PMBTH81 Datasheet HTML 2Page - NXP Semiconductors PMBTH81 Datasheet HTML 3Page - NXP Semiconductors PMBTH81 Datasheet HTML 4Page - NXP Semiconductors PMBTH81 Datasheet HTML 5Page - NXP Semiconductors PMBTH81 Datasheet HTML 6Page - NXP Semiconductors PMBTH81 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
September 1995
3
Philips Semiconductors
Product specification
PNP 1 GHz switching transistor
PMBTH81
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
Note
1. Ts is the temperature at the soldering point of the collector tab.
CHARACTERISTICS
Tj = 25 °C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
20
V
VEBO
emitter-base voltage
open collector
−
3V
IC
collector current
−
40
mA
Ptot
total power dissipation
Ts =45 °C (note 1)
−
400
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-s
from junction to soldering point (note 1)
260 K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
open emitter; IC =10 µA; IE =0
20
−
V
V(BR)CEO
collector-emitter breakdown
voltage
open base; IC = 1 mA; IB =0
20
−
V
V(BR)EBO
emitter-base breakdown voltage
open collector; IE =10 µA; IC =0
3
−
V
VCE sat
collector-emitter saturation voltage
IC = 5 mA; IB = 0.5 mA
−
0.5
V
VBE on
base-emitter ON voltage
VCE = 10 V; IC = 5 mA
−
0.9
V
ICBO
collector-base cut-off current
VCB = 10 V; IE =0
−
100
nA
IEBO
emitter-base cut-off current
VEB = 2 V; IC =0
−
100
nA
hFE
DC current gain
VCE = 10 V; IC = 5 mA
60
−
Cce
collector-emitter capacitance
VCB = 10 V; IB = 0; f = 1 MHz
−
0.65
pF
Ccb
collector-base capacitance
VCB = 10 V; IE = 0; f = 1 MHz
−
0.85
pF
fT
transition frequency
VCE = 10 V; IC = 5 mA;
f = 100 MHz; Tamb =25 °C
600
−
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com