Electronic Components Datasheet Search
  English  ▼

X  

PMBTH81 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMBTH81
Description  PNP 1 GHz switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTH81 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMBTH81 Datasheet HTML 1Page - NXP Semiconductors PMBTH81 Datasheet HTML 2Page - NXP Semiconductors PMBTH81 Datasheet HTML 3Page - NXP Semiconductors PMBTH81 Datasheet HTML 4Page - NXP Semiconductors PMBTH81 Datasheet HTML 5Page - NXP Semiconductors PMBTH81 Datasheet HTML 6Page - NXP Semiconductors PMBTH81 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
September 1995
4
Philips Semiconductors
Product specification
PNP 1 GHz switching transistor
PMBTH81
Fig.2 Common base input admittance (Y11).
VCB = 10 V; Tamb =25 °C.
handbook, halfpage
−20
20
60
140
−30
−50
−90
−110
−70
100
MRA568
b11
(mS)
g11 (mS)
930 MHz
450 MHz
250 MHz
100 MHz
IC = 4 mA
12 mA
8 mA
Fig.3 Forward transfer admittance (Y21).
VCB = 10 V; Tamb =25 °C.
handbook, halfpage
−120
120
80
40
0
−80
−40
40
0
MRA566
b21
(mS)
g21 (mS)
450 MHz
930
MHz
250 MHz
100 MHz
8 mA
IC =
12 mA
4 mA
Fig.4 Reverse transfer admittance (Y12).
VCB = 10 V; Tamb =25 °C.
handbook, halfpage
−2.5
−20
0
−2
−6
−8
−4
b12
(mS)
g12 (mS)
−1.5
−1
−0.5
MRA570
930 MHz
450 MHz
250 MHz
100 MHz
IC = 12 mA
8 mA
4 mA
Fig.5 Common base output admittance (Y22).
VCB = 10 V; Tamb =25 °C.
handbook, halfpage
0
12
8
4
0
12
4
3
MRA569
b22
(mS)
g22 (mS)
930 MHz
450 MHz
8 mA
12 mA
IC = 4 mA
250 MHz
100 MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com