Electronic Components Datasheet Search
  English  ▼

X  

PMBTH81 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMBTH81
Description  PNP 1 GHz switching transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMBTH81 Datasheet(HTML) 1 Page - NXP Semiconductors

  PMBTH81 Datasheet HTML 1Page - NXP Semiconductors PMBTH81 Datasheet HTML 2Page - NXP Semiconductors PMBTH81 Datasheet HTML 3Page - NXP Semiconductors PMBTH81 Datasheet HTML 4Page - NXP Semiconductors PMBTH81 Datasheet HTML 5Page - NXP Semiconductors PMBTH81 Datasheet HTML 6Page - NXP Semiconductors PMBTH81 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
Product specification
File under Discrete Semiconductors, SC14
September 1995
DISCRETE SEMICONDUCTORS
PMBTH81
PNP 1 GHz switching transistor


Similar Part No. - PMBTH81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBTH10 PHILIPS-PMBTH10 Datasheet
52Kb / 7P
NPN 1 GHz general purpose switching transistor
September 1995
More results

Similar Description - PMBTH81

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPSH10 PHILIPS-MPSH10 Datasheet
77Kb / 8P
NPN 1 GHz general purpose switching transistor
1998 Aug 27
PMBT3640 PHILIPS-PMBT3640 Datasheet
31Kb / 5P
PNP 1 GHz switching transistor
September 1995
PMBTH10 PHILIPS-PMBTH10 Datasheet
52Kb / 7P
NPN 1 GHz general purpose switching transistor
September 1995
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
PNP switching transistor
1999 May 10
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
PNP Switching Transistor
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
PNP Switching Transistor
logo
AiT Semiconductor Inc.
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com