Electronic Components Datasheet Search
  English  ▼

X  

56F8025 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # 56F8025
Description  16-bit Digital Signal Controllers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8025 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button 56F8025 Datasheet HTML 70Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 71Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 72Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 73Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 74Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 160 page
background image
56F8025 Data Sheet, Rev. 3
74
Freescale Semiconductor
Preliminary
5.6.19.3 Vector Number - Vector Address Bus (VAB)—Bits 12–6
This read-only field shows bits [7:1] of the Vector Address Bus used at the time the last IRQ was taken.
In the case of a Fast Interrupt, it shows the lower address bits of the jump address. This field is only updated
when the 56800E core jumps to a new interrupt service routine.
Note:
Nested interrupts may cause this field to be updated before the original interrupt service routine can
read it.
5.6.19.4 Interrupt Disable (INT_DIS)—Bit 5
This bit allows all interrupts to be disabled.
•
0 = Normal operation (default)
•
1 = All interrupts disabled
5.6.19.5 Reserved—Bits 4-2
This bit field is reserved. Each bit must be set to 1.
5.6.19.6 Reserved—Bits 1–0
This bit field is reserved. Each bit must be set to 0.
5.7 Resets
5.7.1
General
Table 5-4 Interrupt Priority Encoding
IPIC_VALUE[1:0]
Current Interrupt
Priority Level
Required Nested
Exception Priority
00
No interrupt or SWILP
Priorities 0, 1, 2, 3
01
Priority 0
Priorities 1, 2, 3
10
Priority 1
Priorities 2, 3
11
Priority 2 or 3
Priority 3
Table 5-5 Reset Summary
Reset
Priority
Source
Characteristics
Core Reset
RST
Core reset from the SIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com