Electronic Components Datasheet Search
  English  ▼

X  

56F8025 Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # 56F8025
Description  16-bit Digital Signal Controllers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8025 Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button 56F8025 Datasheet HTML 93Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
Register Descriptions
56F8025 Data Sheet, Rev. 3
Freescale Semiconductor
97
Preliminary
Figure 6-22 GPIO Peripheral Select Register 1 for GPIOB (SIM_GPSB1)
6.3.19.1 Reserved—Bits 15–9
This bit field is reserved. Each bit must be set to 0.
6.3.19.2 Configure GPIOB11 (GPS_B11)—Bit 8
This field selects the alternate function for GPIOB11.
•
0 = COUTB_A - Comparator B Output (default)
•
1 = Reserved
6.3.19.3 Reserved—Bit 7
This bit field is reserved. It must be set to 0.
6.3.19.4 Configure GPIOB10 (GPS_B10)—Bit 6
This field selects the alternate function for GPIOB10.
•
0 = CMPAO - Comparator A Output (default)
•
1 = Reserved
6.3.19.5 Reserved—Bits 5–1
This bit field is reserved. Each bit must be set to 0.
6.3.19.6 Configure GPIOB7 (GPS_B7)—Bit 0
This field selects the alternate function for GPIOB7.
•
0 = TXD0 - QSCI0 Transmit Data (default)
•
1 = SCL - I2C Serial Clock
6.3.20 SIM GPIO Peripheral Select Register for GPIOC and GPIOD
(SIM_GPSCD)
See Section 6.3.16 for general information about GPIO Peripheral Select Registers.
Figure 6-23 GPIO Peripheral Select Register for GPIOC and GPIOD (SIM_GPSCD)
Base + $16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
GPS_
B11
0
GPS_
B10
0
0
0
0
0
GPS_
B7
Write
RESET
0
0
0
0
00000000
0000
Base + $17
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
GPS_
D5
0
0
0
0
0
0
0
0
0
0
0
0
Write
RESET
0
0
0
0
00000000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com