Electronic Components Datasheet Search
  English  ▼

X  

56F8025 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # 56F8025
Description  16-bit Digital Signal Controllers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8025 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button 56F8025 Datasheet HTML 75Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 76Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 77Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 78Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 160 page
background image
Register Descriptions
56F8025 Data Sheet, Rev. 3
Freescale Semiconductor
79
Preliminary
Figure 6-1 SIM Register Map Summary
6.3.1
SIM Control Register (SIM_CTRL)
Figure 6-2 SIM Control Register (SIM_CTRL)
6.3.1.1
Reserved—Bits 15–6
This bit field is reserved. Each bit must be set to 0.
6.3.1.2
OnCE Enable (ONCEEBL)—Bit 5
•
0 = OnCE clock to 56800E core enabled when core TAP is enabled
•
1 = OnCE clock to 56800E core is always enabled
Note:
Using default state “0” is recommended.
6.3.1.3
Software Reset (SWRST)—Bit 4
•
Writing 1 to this field will cause the device to reset
•
Read is zero
6.3.1.4
Stop Disable (STOP_DISABLE)—Bits 3–2
•
00 = Stop mode will be entered when the 56800E core executes a STOP instruction
•
01 = The 56800E STOP instruction will not cause entry into Stop mode
•
10 = Stop mode will be entered when the 56800E core executes a STOP instruction and the
STOP_DISABLE field is write-protected until the next reset
•
11 = The 56800E STOP instruction will not cause entry into Stop mode and the STOP_DISABLE field is
write-protected until the next reset
6.3.1.5
Wait Disable (WAIT_DISABLE)—Bits 1–0
•
00 = Wait mode will be entered when the 56800E core executes a WAIT instruction
•
01 = The 56800E WAIT instruction will not cause entry into Wait mode
•
10 = Wait mode will be entered when the 56800E core executes a WAIT instruction and the
WAIT_DISABLE field is write-protected until the next reset
•
11 = The 56800E WAIT instruction will not cause entry into Wait mode and the WAIT_DISABLE field is
write-protected until the next reset
6.3.2
SIM Reset Status Register (SIM_RSTAT)
This read-only register is updated upon any system reset and indicates the cause of the most recent reset.
It indicates whether the COP reset vector or regular reset vector (including Power-On Reset, External
$1A
SIM_IPS2
R
0
0
0
IPS2_
TA3
0
0
0
IPS2_
TA2
0
0
0
IPS2_
TA1
0
0
0
0
W
Reserved
0
= Read as 0
1
= Read as 1
= Reserved
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
ONCE
EBL
SW
RST
STOP_
DISABLE
WAIT_
DISABLE
Write
RESET
0
0
00
00
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com