Electronic Components Datasheet Search
  English  ▼

X  

56F8025 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # 56F8025
Description  16-bit Digital Signal Controllers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8025 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button 56F8025 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 87Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 160 page
background image
56F8025 Data Sheet, Rev. 3
84
Freescale Semiconductor
Preliminary
6.3.8.1
Reserved—Bits 15
This bit field is reserved. Each bit must be set to 0.
6.3.8.2
Quad Timer A Clock Rate (TMRA_CR)—Bit 14
This bit selects the clock speed for the Quad Timer A module.
•
0 = Quad Timer A clock rate equals the system clock rate, to a maximum 32MHz (default)
•
1 = Quad Timer A clock rate equals 3X system clock rate, to a maximum 96MHz
6.3.8.3
Pulse Width Modulator Clock Rate (PWM_CR)—Bit 13
This bit selects the clock speed for the PWM module.
•
0 = PWM module clock rate equals the system clock rate, to a maximum 32MHz (default)
•
1 = PWM module clock rate equals 3X system clock rate, to a maximum 96MHz
6.3.8.4
Inter-Integrated Circuit Run Clock Rate (I2C_CR)—Bit 12
This bit selects the clock speed for the I2C run clock.
•0 = I2C module run clock rate equals the system clock rate, to a maximum 32MHz (default)
•1 = I2C module run clock rate equals 3X system clock rate, to a maximum 96MHz
6.3.8.5
Reserved—Bits 11–0
This bit field is reserved. Each bit must be set to 0.
6.3.9
Peripheral Clock Enable Register 0 (SIM_PCE0)
The Peripheral Clock Enable register enables or disables clocks to the peripherals as a power savings
feature. Significant power savings are achieved by enabling only the peripheral clocks that are in use.
When a peripheral’s clock is disabled, that peripheral is in Stop mode. Accesses made to a module that has
its clock disabled will have no effect. The corresponding peripheral should itself be disabled while its clock
is shut off. IPBus writes are not possible.
Setting the PCE bit does not guarantee that the peripheral’s clock is running. Enabled peripheral clocks
will still become disabled in Stop mode, unless the peripheral’s Stop Disable control in the SDn register
is set to 1.
Figure 6-10 Peripheral Clock Enable Register 0 (SIM_PCE0)
6.3.9.1
Comparator B Clock Enable (CMPB)—Bit 15
•
0 = The clock is not provided to the Comparator B module (the Comparator B module is disabled)
Base + $C
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
CMPB
CMPA
DAC1 DAC0
0
ADC
0
0
0
I2C
0
QSCI0
0
QSPI0
0
PWM
Write
RESET
0
0
0
0
00
0
0
00
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com