Electronic Components Datasheet Search
  English  ▼

X  

56F8025 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 56F8025
Description  16-bit Digital Signal Controllers
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8025 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 56F8025 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 160 page
background image
Introduction
56F8025 Data Sheet, Rev. 3
Freescale Semiconductor
19
Preliminary
28
VSS_IO
VSS
VSS
29
VDD_IO
VDD
VDD
30
GPIOB0
GPIOB0, SCLK0, SCL
B0
SCL
SCLK0
31
GPIOA4
GPIOA4, PWM4, TA2,
FAULT1
A4
PWM4
FAULT1
TA2
32
GPIOA2
GPIOA2, PWM2
A2
PWM2
33
GPIOA3
GPIOA3, PWM3
A3
PWM3
34
VCAP
VCAP
VCAP
35
VDD_IO
VDD
VDD
36
VSS_IO
VSS
VSS
37
GPIOD5
GPIOD5, XTAL, CLKIN
D5
XTAL
CLKIN
38
GPIOD4
GPIOD4, EXTAL
D4
EXTAL
39
GPIOA1
GPIOA1, PWM1
A1
PWM1
40
GPIOA0
GPIOA0, PWM0
A0
PWM0
41
TDI
TDI, GPIOD0
D0
TD1
42
GPIOB11
GPIOB11, COUTB_A
B11
COUTB_A
43
TMS
TMS, GPIOD3
D3
TMS
44
TDO
TDO, GPIOD1
D1
TDO
Table 2-2 56F8025 Pins (Continued)
Peripherals:
Pin
#
Pin Name
Signal Name
GPIO
I2C
QSCI
QSPI
ADC
PWM
Quad
Timer
Comp
Power &
Ground
JTAG
Misc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com