Electronic Components Datasheet Search
  English  ▼

X  

33289 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33289
Description  Dual High-Side Switch 40 m ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33289 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33289 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33289
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VBAT and VBATC Voltage: Continuous/Pulse
VBAT
-0.3 to 41
V
OUT1, OUT2 Voltage with Respect to GND: Continuous/Pulse
VOUT
-4.0 to 41
V
OUT1, OUT2 to VBTAP Voltage: Continuous
VOUT
41
V
ST1, ST2 Voltage: Continuous/Pulse
VST
-0.3 to 7.0
V
IN1, IN2 Voltage: Continuous
VIN
-0.3 to 7.0
V
IN1, IN2, ST1, ST2, OLDE Current
IIN
+/-4.0
mA
ESD all Pins
Human Body Model (1)
Machine Model (1)
VESD1
VESD2
+/-2000
+/-200
V
V
THERMAL RATINGS
Operating Junction Temperature
TJ
-40 to 150
°C
Storage Temperature
TST
-55 to 150
°C
Thermal Resistance Junction to Ambient (2)
RTHJA
70
°C/W
Thermal Resistance Junction to lead: Both Channel on
RTHJL1
15
°C/W
Thermal Resistance Junction to lead: One Channel on
RTHJL2
15
°C/W
Thermal Resistance Junction to lead: Logic Die
RTHJL3
30
°C/W
Notes
1.
EDS1 testing is performed in accordance with the Human Body Model (Czap = 100 pF, Rzap = 1500
Ω) EDS2 testing is performed in
accordance with the Machine Model (Czap = 100 pF, Rzap = 0
Ω)
2.
With minimum PCB dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com