Electronic Components Datasheet Search
  English  ▼

X  

33289 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33289
Description  Dual High-Side Switch 40 m ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33289 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33289 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Analog Integrated Circuit Device Data
7
Freescale Semiconductor
33289
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Description
Symbol
Min
Typ
Max
Unit
OVERLOAD PROTECTION CHARACTERISTICS
Overcurrent latchoff delay
From OverCurrent Treshold achieved to Output
Voltage = 10% VBAT
TOCTDLY
30
µs
Overcurrent latchoff status delay
From Output Voltage = 10% VBAT to Status Flag <1 V
TOCTSTDLY
50
µs
OPEN CIRCUIT DETECTION CHARACTERISTICS
Open Load to Status Low Delay Time
From IN = 1.5 to Status Flag <1.5 V
TOLSTDT
100
µs
Open Load Detect BlankingTime
From IN = 1.5 to Openload
circuitry enable
TOLDBT
3.0
10
50
µs
SWITCHING CHARACTERISTICS (3)
Turn-on Slew Rate
From 10% to VBAT -3.0 V
SRPOUT1
1.0
20
V/
µs
Turn-on Slew Rate
From VBAT -3.0 V to 90%
SRPOUT2
0.1
3.0
V/
µs
Turn-off Slew Rate
From 90% to 10%
SRNOUT
1.0
20
V/
µs
Turn-on Delay Time
From VIN/2 to 10% VBAT
tDON
1.0
2.5
15
µs
Turn-off Delay Time
From VIN/2 to 90% VBAT
tDOFF
1.0
5.0
15
µs
Notes
3.
8 V<VBAT <18 V, RLOAD = 7 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com