Electronic Components Datasheet Search
  English  ▼

X  

33289 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33289
Description  Dual High-Side Switch 40 m ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33289 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33289 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33289
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Operating Voltage
VBAT
6.0
VOV
V
Supply Current: Both Channels On
VBAT = 13.5 V; OLDE High
IBAT1
6.0
16
mA
Supply Current: One Channel On
VBAT = 13.5 V; OLDE High
IBAT2
5.0
10
mA
Supply Current: Both Channels Off
VBAT = 12.6 V; OLDE Low, TJ < 125°C
IBAT3
5.0
µA
Supply Current: Any State
VBAT = 13.5 V
IBAT_MAX
30
mA
Output Off state leakage current per channel
VBAT = 13.5 V; IN1, 2, OLDE low, Both output grounded,
TJ < 125°C
IDSS
0.1
5.0
µA
Drain-Source On Resistance
VBAT > 10 V, TAMB = 25°C
RDSON1
40
m
Ω
Drain-Source On Resistance
VBAT > 10 V, TAMB = 150°C
RDSON2
75
m
Ω
Negative Inductive Clamp Voltage
IOUT = 1 A
VCLAMP
-4.0
-1.0
V
INPUT CHARACTERISTICS
High Input Voltage (IN1, IN2)
VIH
3.25
V
High Input Voltage (OLDE)
VOLDEH
3.5
V
Low Input Voltage (IN1, IN2, OLDE)
VIL
1.5
V
Logic Input Hysteresis IN1, IN2
VHYST
0.4
0.6
0.8
V
Logic Input Current
VIN = 1.5 V
IIN
3.0
µA
Logic Input Current
VIN = 3.25 V
IIN
32.5
µA
Logic Input Clamp Voltage
At IIN = 1 mA
VCLMP
5.5
7.0
V
Input Capacitance IN1, IN2
RIN = 47 kΩ @ 100 kHz
CIN
80
pF
STATUS CHARACTERISTICS
Status Voltage
IST = 1 mA; Output in fault
VST
0.5
V
Status Leakage Current
VST = 5 V
ISTLK
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com