Electronic Components Datasheet Search
  English  ▼

X  

33289 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33289
Description  Dual High-Side Switch 40 m ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33289 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33289 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33289
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 4. MC33289 Typical Application
Battery
MCU
OUT1
IN1
VBAT
5.0 V
Status pull-up
Load 2
OUT2
IN2
ST2
Charge
Pump
U.V.& O.V.
Lockout
Input
Trigger
Over
Temp
Open
Load
Over
Current
VBAT
VBAT
VBAT
OUT1
VBAT
VBAT
VBAT
VBAT
ST1
OUT2
GND
resistors
CHANNEL 1
CHANNEL 2
Thermal
Sensor
10 K
Ω
10 K
Ω
OLDE
LOAD
Table 5. Functional Truth Table
Conditions
IN1
IN2
OUT1
OUT2
ST1
ST2
Normal Operating Conditions
L
H
L
H
L
L
H
H
L
H
L
H
L
L
H
H
H
H
H
H
H
H
H
H
Overtemperature Channel 1
Overtemperature Channel 2
Overtemperature Channel 1/Channel 2
H
X
H
X
H
H
L
X
L
X
L
L
L
H
L
H
L
L
Open Load Channel 1
Open Load Channel 2
L
X
X
L
H
X
X
H
L
H
H
L
Overcurrent Channel 1
Overcurrent Channel 2
H
X
X
H
L
X
X
L
L
H
H
L
Undervoltage Condition
X
X
L
L
H
H
Overvoltage Condition
X
X
L
L
H
H
L = ‘Low level’; H = ‘High level’; X = ‘don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com