Electronic Components Datasheet Search
  English  ▼

X  

33289 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33289
Description  Dual High-Side Switch 40 m ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33289 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33289 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33289 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33289
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Status Pin Capacitance
VST = 5 V
CST
80
pF
OVERLOAD PROTECTION CHARACTERISTICS
Overcurrent latchoff threshold
VBAT = 13.5 V
IOCT
4.0
9.0
A
Thermal Shutdown
TSHUT
150
165
175
°C
Thermal Shutdown Hysteresis
THYST
10
°C
Overvoltage Shutdown Threshold
Both IN1, IN2 logic high
VOV
27
38
V
Overvoltage Shutdown Hysteresis
Both IN1, IN2 logic high
VOVHYST
0.1
2.0
V
Undervoltage Shutdown Threshold
Both IN1, IN2 logic high
VUV
4.75
6.0
V
Undervoltage Shutdown Hysteresis
Both IN1, IN2 logic high
VUVHYST
0.3
0.6
1.0
V
OPEN CIRCUIT DETECTION CHARACTERISTICS
Open Load Detect Current
VOUT = 3.5 V, OLDE = 4.0 V
IOL
200
290
400
µA
Open Load Threshold Voltage
VOL
1.5
2.4
3.5
V
Openload threshold voltage
VINOL
1.5
2.5
3.5
V
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com