Electronic Components Datasheet Search
  English  ▼

X  

33385 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33385
Description  Quad Low-side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33385 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33385 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33385
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33385 Pin Connections
Table 1. 33385 Pin Definitions
Pin Number
Pin Name
Definition
1
GND2
Ground 2
2
OUT2
Output Channel 2
3
NC
4
NON2
Input Control Signal for Channel 2
5
SDI
Serial Data Input
6
CLK
Clock Line for Serial Interface
7
NCS
Chip Select for Serial Interface
8
NON4
Input Control Signal for Channel 4
9
OUT4
Output Channel 4
10
GND4
Ground 4
11
GND3
Ground 3
12
OUT3
Output Channel 3
13
NON3
Input Control Signal for Channel 3
14
Vcc
5V Power Supply
15
NRES
Reset Input
16
SDO
Data Output of Serial Interface
17
NON1
Input Control Signal Channel 1
18
NC
19
OUT1
Output Channel 1
20
GND1
Ground 1
Case
Connected to the PCB Ground for Thermal Purposes
1
2
3
5
4
6
7
8
9
10
1
2
3
5
4
6
7
8
9
20
1
1
1
1
1
1
1
1
1
21
21
Heat sink
GND4
OUT4
NON4
NCS
CLK
SDI
NON2
N.C
OUT2
GND2
GND3
OUT3
NON3
VCC
NRES
SDO
NON1
N.C
OUT1
GND1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com