Electronic Components Datasheet Search
  English  ▼

X  

33385 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33385
Description  Quad Low-side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33385 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33385 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Document Number: MC33385
Rev. 6.0, 11/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
There are no disclaimers required on the Final publication of a data sheet.
Quad Low-side Driver
The MC33385 is a Quad Low-side Driver fully protected switch. This
device is a general purpose Low-side Driver but has been especially
designed to operate in engine management applications as injector
driver or automotive gear box. It is interfaced directly with a
microcontroller for parallel control of the load and the individual output
diagnostic is done through a SPI. The diagnostic logic recognizes 4
failure types at each output stage: overcurrent, short to GND, open
load, and over-temperature.
Features
• RDSON of 250m
Ω per Output at 25°C
• Supplied from the main 5V VCC
• Input CMOS Compatible
• Diagnostic through SPI
• Nominal Current of 2A per Output
• Current Limitation at 3A with Automatic Turn Off
• Output Internally Clamped at 50V typ for Inductive Load Drive
• Junction to Case Thermal Resistance of 4.4
°C/W
• Individual Output over Temperature Shutdown
• Pb-Free Packaging Designated by Suffix Code VW
Figure 1. MC33385 Simplified Application Diagram
LOW-SIDE DRIVER
DH SUFFIX
VW SUFFIX (PB-FREE)
98ASH70702A
20-PIN HSOP
33385
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33385DH/R2
-40°C to 125°C
20 HSOP
MC33385VW/R2
33385
VPWR
Voltage
Regulator
MCU
OUT1
OUT2
OUT3
OUT4
GND1-4
VCC
NCS
CLK
SDI
SDO
NRE
NON1
NON2
NON3
NON4


Similar Part No. - 33385

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3338 KR-3338 Datasheet
117Kb / 3P
KR Electronics part number 3338 is a 968 MHz highpass filter
logo
Heyco.
3338 HEYCO-3338 Datasheet
85Kb / 1P
Tension Wire Clips - Vinyl U Style
logo
Aptiv
33384128 APTIV-33384128 Datasheet
782Kb / 2P
APEX® 1.2 SensoMate™ SERIES
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
STANLEY ELECTRIC CO.,LT...
3338S STANLEY-3338S Datasheet
411Kb / 33P
Single Color ?3 Round Shape Type
More results

Similar Description - 33385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
QUAD LOW SIDE DRIVER
Mar-1994
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com