Electronic Components Datasheet Search
  English  ▼

X  

33385 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33385
Description  Quad Low-side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33385 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33385 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33385
ELECTRICAL CHARACTERISTICS
STATIC CHARACTERISTICS
STATIC CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY VOLTAGE
Supply Voltage Range
VCC
4.5
5.5
V
JUNCTION TEMPERATURE
Junction Temperature Continuous (Continuous)
TJ1
- 40
150
°C
Junction Temperature Dynamical (Time limited)
TJ2
185
°C
OUTPUT CURRENT
Output Current Range
IOUT
ISCBMAX
Α
RESET BEHAVIOUR
Reset Changeable (at NRES-Pin)
VCC
VCCRES
5.5
V
Undervoltage Reset (Independent of NRES)
Active for VCC = 0V to VCCPRO
VCCRES
3.35
3.95
V
UNDERVOLTAGE PROTECTION
Protection active for VCC =0V to VCCPRO
VCCPRO
1.5
4.0
V
OVER TEMPERATURE
Temperature Detection Threshold
TOFF
155
185
°C
SUPPLY CURRENT
Standby Current (without load) (NON1...NON4 = High Level)
5.15V
≥ V
CC
5.5V
≥ V
CC
ICCSTB1
ICCSTB2
6.0
7.0
mA
mA
Operating Mode (For 5.15V
≥ V
CC) (Iout 1...4) = 2A
ICCOPM
17
mA
∆I
CC During Reverse Output Current
(IOUT = - 5A on one output)
∆I
CC
100
50
mA
mA
INPUTS (NONx, NCS, CLK, NRES, SDI)
Low Threshold
VINL
-0.3
0.2*VCC
V
High Threshold
VINH
0.7*VCC
VCC + 0.3
V
Hysteresis
VHYST
0.85
V
Input Current (VIN = VCC)
IIN
10
µA
Input Current (VCC >VRES & 0V<VIN < 0.9*VCC)
IIN
- 100
- 20
µA
SERIAL DATA OUTPUT
High Output Level (ISDO = -2mA)
VSDOH
VCC - 0.4
V
Low Output Level (ISDO = 3.2mA)
VSDOL
0.4
V
Tristate Leakage Current (NCS = HIGH, VSDO = 0V to VCC)
ISDOL
- 10
10
µA
OUTPUTS (OUT 1...4)
Average Output Current
IOUTA
2.5
A
Output Peak Current
IOUTP
ISCBMAX
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com