Electronic Components Datasheet Search
  English  ▼

X  

33385 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33385
Description  Quad Low-side Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33385 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33385 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33385 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33385
ELECTRICAL CHARACTERISTICS
STATIC CHARACTERISTICS
Leakage Current 1 (NON = High, VOUT = 25V, VCC = 5V)
IOUTL
10
µA
Leakage Current 2 (NON = High, VOUT = 16V, VCC = 1V)
IOUTL2
10
µA
Output Clamp Voltage (IOUT = 1A)
VCLP
45
50
58
V
Matching Clamp Voltage (Between two outputs)
VCLPM
VCLP-1
VCLP+1
V
Clamped Energy at the Switching OFF (See Figure 9)
WOFF
50
mJ for 1ms
On Resistance (IOUT = 2A, TJ = 150°C, NON = LOW)
RDSON
500
m
Output Low Voltage Limitation (IOUT = 150mA)
VOUTLIM
65
220
mV
Output Capacitance (Guaranteed by design)
COUT
350
pF
OUTPUTS REVERSE DIODE
Reverse Output Current
IRD
2,5
A
Reverse Peak current (1)
IRDP
5.0
A
Reverse Voltage Drop
- IOUT = - 5A
- IOUT = - 2,5A
VRD1
VRD2
1.0
0.85
1.7
1.7
V
V
POWERSTAGE PROTECTION
Short Current Limit
ISCB
3.0
5
A
VCC Undervoltage
VCCMIN
3.35
3.95
V
DIAGNOSTIC
Short to GND Threshold Voltage for IOUT ≤ 2A
VREF
0.390xVCC
0.435xVCC
V
Open Load Threshold Current
IOL
10
50
mA
Pull-up Resistor
ROL
2.0
8.0
k
Temperature Detection Threshold
TOFF
155
185
°C
Notes
1.
For t
≤ 2ms. Max. reverse current is limited to - 10A (for all outputs together)
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com