Electronic Components Datasheet Search
  English  ▼

X  

33926 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33926
Description  5.0 A Throttle Control H-Bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33926 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33926 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 24Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33926
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION
1.0
3/2006
• Converted to Freescale format, Implemented changes listed below.
• Implemented revision history page.
2.0
9/2006
• Updated Figure 2. 33926 Simplified Internal Block Diagram.
• Revised Table2. Maximum Ratings
• Continuous Output Current changed from 5.5A to 5.0A (Parameter changed in the text through the
document).
• ESD Voltage: added Charge Device Model.
• Peak Pin Reflow Temperature During Solder Mounting changed from 260 to 250 deg.C.
• Revised Table 3. Static Electrical Characteristics
• Output Current Regulation Threshold: Min value changed from 5.5A to 5.2A.
• High-Side Short Circuit Detection Threshold - Parameter Guaranteed by Design.
• Low-Side Short Circuit Detection Threshold - Parameter Guaranteed by Design.
• Feedback Current: Parameter values updated.
• Status Flag SET Voltage: Max value changed from 1.0V to 0.4V.
• Revised Table 4. Dynamic Electrical Characteristics
• Output OFF Delay: Max. value changed from 18
µs to 12 µs.
• Output Rise and Fall Time: Max value changed from 8.0
µs to 6.0 µs.
• Short Circuit/Overtemperature Turn-OFF (Latch-OFF) Time: Typ and Max values changed from
4.0
µs, 8.0 µs to 1.0 µs, 2.0 µs respectively.
• Charge Pump Operating Frequency: Typ 7 MHz, new parameter added into the table.
Note 25: condition changed from Iout = 3.0A to Rload = 600 ohm.
• Added Figure 10. 33926 Power Stage Operation.
• Updated Figure 11. 33926 Typical Application Schematic.
• Updated the Freescale format to the prevailing form and style
• Added thermal addendum.
3.0
10/2006
• Corrected minor typos formatting throughout the document.
• Corrected labels on the Internal Block Diagram
• Added “These parameters are not production tested” to the Maximum Ratings heading
• Changed the values for Logic Input Voltage (2) and SF Output (3)
• Made corrections on note (4), (7), and (10) for Maximum Ratings
• Changed labels or values for Sleep State Supply Current (12), Undervoltage Lockout Thresholds,
Charge Pump Voltage (CP Capacitor = 33 nF), No PWM, Input Voltage (IN1, IN2, D1, D2, INV, SLEW)
(13), Logic Input Currents, VPWR = 8.0V, Output-ON Resistance (15), ILOAD = 3.0A, Output Current
Regulation Threshold, Output Leakage Current (16), Outputs off, VPWR = 28V, Feedback Current (pin
FB sourcing current) (17), and Status Flag Leakage Current (19) in the Static Electrical Characteristics
• Added Charge Pump Voltage (CP Capacitor = 33 nF), PWM = 20kHz, Slew Rate = Fast and Operating
Input Voltage (EN, IN1, IN2, D1, D2, INV, SLEW) in the Static Electrical Characteristics
• Added note This parameter is Guaranteed By Design. to Static Electrical Characteristics
• Changed labels or values for ILIM Output Constant-OFF Time (24), ILIM Blanking Time (25), Output
Rise and Fall Time (27) and Short Circuit/Overtemperature Turn-OFF (Latch-OFF) Time (28) (29) in the
Dynamic Electrical Characteristics
• Made changes or corrections to note (24), (27), (28), and (29) for Dynamic Electrical Characteristics
• Made corrections to Figure 4, Output Delay Time, Figure 5, Disable Delay Time, and Figure 6, Output
Switching Time in Timing Diagrams
• Added Figure 7, Current Limit Blanking Time and Constant-OFF Time and Figure 8, Short Circuit
Detection Turn-OFF Time tFAULT in Timing Diagrams
• Added paragraph Output Avalanche Protection and Figure 12, Avalanche Protection to Protection and
diagnostic features
• Made minor label changes to Figure 13, 33926 Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com