Electronic Components Datasheet Search
  English  ▼

X  

33926 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33926
Description  5.0 A Throttle Control H-Bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33926 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33926 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33926
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
Numerous protection and operational features (speed,
torque, direction, dynamic breaking, PWM control, and
closed-loop control) make the 33926 a very attractive, cost-
effective solution for controlling a broad range of small DC
motors. The 33926 outputs are capable of supporting peak
DC load currents of up to 5.0 A from a 28 VPWR source. An
internal charge pump and gate drive circuitry are provided
that can support external PWM frequencies up to 20 kHz.
The 33926 has an analog feedback (current mirror) output
pin (the FB pin) that provides a constant-current source
ratioed to the active high-side MOSFETs’ current. This can be
used to provide “real time” monitoring of output current to
facilitate closed-loop operation for motor speed/torque
control, or for the detection of open load conditions.
Two independent inputs, IN1 and IN2, provide control of
the two totem-pole half-bridge outputs. An input invert, INV,
changes IN1 and IN2 to LOW = true logic. Two different
output slew rates are selectable via the SLEW input. Two
independent disable inputs, D1 and D2, provide the means to
force the H-Bridge outputs to a high impedance state (all H-
Bridge switches OFF). An EN pin controls an enable function
that allows the IC to be placed in a power-conserving Sleep
mode.
The 33926 has Output Current Limiting (via Constant
OFF-Time PWM Current Regulation), Output Short-Circuit
Detection with Latch-OFF, and Overtemperature Detection
with Latch-OFF. Once the device is latched-OFF due to a
fault condition, either of the Disable inputs (D1 or D2), VPWR,
or EN must be “toggled” to clear the status flag.
Current limiting (Load Current Regulation) is
accomplished by a constant-OFF time PWM method using
current limit threshold triggering. The current limiting scheme
is unique in that it incorporates a junction temperature-
dependent current limit threshold. This means that the
current limit threshold is “reduced to around 4.2 A” as the
junction temperature increases above 160°C. When the
temperature is above 175°C, overtemperature shutdown
(latch-OFF) will occur. This combination of features allows
the device to continue operating for short periods of time (<30
seconds) with unexpected loads, while still retaining
adequate protection for both the device and the load.
FUNCTIONAL PIN DESCRIPTION
POWER GROUND AND ANALOG GROUND
(PGND AND AGND)
The power and analog ground pins should be connected
together with a very low impedance connection.
POSITIVE POWER SUPPLY (VPWR)
VPWR pins are the power supply inputs to the device. All
VPWR pins must be connected together on the printed circuit
board with as short as possible traces, offering as low
impedance as possible between pins.
STATUS FLAG (SF)
This pin is the device fault status output. This output is an
active LOW open drain structure requiring a pullup resistor to
VDD. The maximum VDD is <7.0 V. Refer to Table 5, Truth
Table, page 14 for the SF Output status definition.
INPUT INVERT (INV)
The Input Invert Control pin sets IN1 and IN2 to
LOW = TRUE. This is a Schmitt trigger input with ~80 µA sink;
the default condition is non-inverted. If IN1 and IN2 are set so
that the current is being commanded to flow through the load
attached between OUT1 and OUT2, changing the logic level
at INV will have the effect of reversing the direction of current
commanded. Thus, the INV input may be used as a “forward/
reverse” command input. If both IN1 and IN2 are the same
logic level, then changing the logic level at INV will have the
effect of changing the bridge’s output from freewheeling high
to freewheeling low or vice versa.
SLEW RATE (SLEW)
The SLEW pin is the logic input that selects fast or slow
slew rate. Schmitt trigger input with ~80 µA sink so the default
condition is SLOW. When SLEW is set to SLOW, PWM-ing
should be limited to frequencies less than 11 kHz in order to
allow the internal high-side driver circuitry time to fully
enhance the high-side MOSFETs.
INPUT 1,2 AND DISABLE INPUT 1,2
(IN1, IN2, AND D1, D2)
These pins are input control pins used to control the
outputs. These pins are 3.0 V/5.0 V CMOS-compatible
inputs with hysteresis. IN1 and IN2 independently control
OUT1 and OUT2, respectively. D1 and D2 are
complementary inputs used to tri-state disable the H-Bridge
outputs.
When either D1 or D2 is SET (D1 = logic HIGH or
D2
= logic LOW) in the disable state, outputs OUT1 and
OUT2 are both tri-state disabled; however, the rest of the
device circuitry is fully operational and the supply
IPWR(STANDBY) current is reduced to a few mA. Refer to Table
3, Static Electrical Characteristics, page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com