Electronic Components Datasheet Search
  English  ▼

X  

33926 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33926
Description  5.0 A Throttle Control H-Bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33926 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33926 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33926
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUTS OUT1, OUT2
Output-ON Resistance (15), ILOAD = 3.0A
VPWR = 8.0V, TJ = 25°C
VPWR = 8.0V, TJ = 150°C
VPWR = 5.0V, TJ = 150°C
RDS(ON)
–
–
–
120
–
–
–
225
325
m
Ω
Output Current Regulation Threshold
TJ < 150 °C
TJ > 160 °C (Fold back Region - see Figure 10)
(14)
ILIM
5.2
–
6.5
4.2
8.0
–
A
High-Side Short Circuit Detection Threshold (Short Circuit to Ground) (14)
ISCH
11
13
16
A
Low-Side Short Circuit Detection Threshold (Short Circuit to VPWR)
(14)
ISCL
9.0
11
14
A
Output Leakage Current (16), Outputs off, VPWR = 28V
VOUT = VPWR
VOUT = Ground
IOUTLEAK
–
–60
–
–
100
–
µA
Output MOSFET Body Diode Forward Voltage Drop
IOUT = 3.0 A
VF
–
–
2.0
V
Overtemperature Shutdown (14)
Thermal Limit @ TJ
Hysteresis @ TJ
TLIM
THYS
175
10
–
–
200
30
°C
HIGH-SIDE CURRENT SENSE FEEDBACK
Feedback Current (pin FB sourcing current) (17)
IOUT = 0 mA
IOUT = 300 mA
IOUT = 500 mA
IOUT = 1.5 A
IOUT = 3.0 A
IOUT = 6.0 A
IFB
0.0
0.0
0.35
2.86
5.71
11.43
–
270
0.775
3.57
7.14
14.29
50
750
1.56
4.28
8.57
17.15
µA
µA
mA
mA
mA
mA
STATUS FLAG (18)
Status Flag Leakage Current (19)
VSF = 5.0 V
ISFLEAK
–
–
5.0
µA
Status Flag SET Voltage (20)
ISF = 300 µA
VSFLOW
–
–
0.4
V
Notes
14.
This parameter is Guaranteed By Design.
15.
Output-ON resistance as measured from output to
VPWR and from output to GND.
16.
Outputs switched OFF via D1 or D2.
17.
Accuracy is better than 20% from 0.5 A to 6.0 A. Recommended terminating resistor value: RFB = 270 Ω.
18.
Status Flag output is an open drain output requiring a pullup resistor to logic VDD.
19.
Status Flag Leakage Current is measured with Status Flag HIGH and not SET.
20.
Status Flag Set Voltage measured with Status Flag LOW and SET with IFS = 300 µA. Maximum allowable sink current from this pin is
< |500
µA|. Maximum allowable pullup voltage < 7.0 V.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 8.0 V
≤ V
PWR ≤ 28 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com