Electronic Components Datasheet Search
  English  ▼

X  

33926 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33926
Description  5.0 A Throttle Control H-Bridge
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33926 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33926 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33926 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33926
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33926 Pin Connections
Table 1. 33926 Pin Definitions
A functional description of each pin can be found in the Functional Description section beginning on page 11.
Pin
Pin Name
Pin
Function
Formal Name
Definition
1
IN2
Logic Input
Input 2
Logic input control of OUT2; e.g., when IN2 is logic HIGH, OUT2 is set to VPWR,
and when IN2 is logic LOW, OUT2 is set to PGND. (Schmitt trigger input with
~80
µA source so default condition = OUT2 HIGH.)
2
IN1
Logic Input
Input 1
Logic input control of OUT1; e.g., when IN1 is logic HIGH, OUT1 is set to VPWR,
and when IN1 is logic LOW, OUT1 is set to PGND. (Schmitt trigger Input with
~80
µA source so default condition = OUT1 HIGH.)
3
SLEW
Logic Input
Slew Rate
Logic input to select fast or slow slew rate. (Schmitt trigger input with ~80
µA
sink so default condition = slow.)
4, 6, 11, 31
VPWR
Power Input
Positive Power
Supply
These pins must be connected together physically as close as possible and
directly soldered down to a wide, thick, low resistance supply plane on the PCB.
5,
Exposed
Pad
AGND
Analog
Ground
Analog Signal
Ground
The low current analog signal ground must be connected to PGND via low
impedance path (<<10 m
Ω, 0 Hz to 20 kHz). Exposed copper pad is also the
main heatsinking path for the device.
7
INV
Logic Input
Input Invert
Sets IN1 and IN2 to logic LOW = TRUE. (Schmitt trigger input with ~80
µA sink
so default condition = non-inverted.)
8
FB
Analog
Output
Feedback
Load current feedback output provides ground referenced 0.24% of H-Bridge
high-side output current. (Tie pin to GND through a resistor if not used.)
9, 17, 25
NC
No Connect
No internal connection is made to this pin.
10
EN
Logic Input
Enable Input
When EN is logic HIGH, the device is operational. When EN is logic LOW, the
device is placed in Sleep mode. (logic input with ~80
µA sink so default
condition = Sleep mode.)
Transparent Top
25
17
18
19
20
21
22
23
24
910 11 12 13 14 15 16
1
2
3
4
5
6
7
8
26
27
28
29
30
31
32
NC
NC
NC
IN2
IN1
SLEW
AGND
INV
FB
VPWR
VPWR
AGND
PGND
SF
PGND
PGND
PGND
PGND
PGND
View of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com