Electronic Components Datasheet Search
  English  ▼

X  

33997 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33997 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
33997
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
22
SNSEN
Sensor Supply Enable Input. The SNSEN pin is an input, which enables the VREF1 and VREF2 supplies. It
allows the control module hardware/software to shut down the sensor supplies.
23
EN
Enable Input. The EN pin is an input, which enables the main switching regulator and all other functions. When
this pin is low, the power supply is in a low quiescent state.
24
VKAM
Keep-Alive (standby) 3.3 V Regulator Output. This is a 3.3 V low quiescent, low dropout regulator for Keep
Alive memory.
PIN FUNCTION DESCRIPTION (continued)
Pin
Pin Name
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com