Electronic Components Datasheet Search
  English  ▼

X  

33997 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33997 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
33997
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TJ = TA ≤ 125°C using the typical application circuit (see
Figure 8) unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
BUCK REGULATOR VDDH
Switching Frequency (Note 14)
fSW
–
750
–
kHz
Soft Start Duration (see Figure 2)
VPWR = KA_VPWR = 6.0 V
tSS
5.0
–
15
ms
CHARGE PUMP CRES
Charge Pump Current Ramp-Up Time
VPWR = KA_VPWR = 14 V, CRES = 22 nF, VCP = 1.0 V to 11 V
tCRES
1.0
–
20
ms
Charge Pump Ramp-Up Time
VPWR = KA_VPWR = 7.0 V, CRES = 22 nF, VCP = 7.0 V to 10 V
tCRES
1.0
–
10
ms
SENSOR SUPPLIES VREF1, VREF2
VREF Overcurrent Detection Time (see Figure 3)
VREF Load RL = 5.0 Ω to GND, VDDH = 5.1 V, VPWR = KA_VPWR = 10 V,
EN = 5.0 V, SNSEN = 5.0 V
tDet
0.5
–
2.0
µs
VREF Retry Timer Delay (see Figure 3)
VREF Load RL = 5.0 Ω to GND, VDDH = 5.1 V, VPWR = KA_VPWR = 10 V,
EN = 5.0 V, SNSEN = 5.0 V
tRet
5.0
–
20
ms
SUPERVISORY CIRCUITS
PWROK Delay Time (Power-On Reset) (see Figure 4)
tD(PWROK)
5.0
–
15
ms
VKAMOK Delay Time (see Figure 5)
tD(VKAMOK)
10
–
30
ms
VDDH Power-Up Delay Time (see Figure 6)
tD(VPWR)
1.0
–
10
ms
Fault-Off Timer Delay Time (see Figure 7)
tFault
1.0
–
10
ms
Notes
14.
Guaranteed by design but not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com