Electronic Components Datasheet Search
  English  ▼

X  

33997 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33997 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33997
7
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TJ = TA ≤ 125°C, using the typical application circuit (see
Figure 8) unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
LINEAR REGULATOR VDDL
VDDL Output Voltage
VPWR = KA_VPWR = 14 V, IVDDL = 200 mA
VDDL
3.15
–
3.45
V
VDDL Line Regulation
VDDH = 4.8 V to 5.2 V, IVDDL = 400 mA
RegLnVDDL
-70
–
70
mV
VDDL Load Regulation
VPWR = KA_VPWR = 14 V, IVDDL = 10 mA to 400 mA
RegLdVDDL
-70
–
70
mV
DRVL Output Current
VPWR = KA_VPWR = 14 V, VDRVL = 1.0 V
IDRVL
5.0
11
25
mA
VDDL Active Discharge Resistance
VPWR = KA_VPWR = 14 V, EN = 0 V, IFBL = 10 mA
RLDisch
1.0
–
10
Ω
VDDH to VDDL Active Clamp Resistance
VPWR = KA_VPWR = 14 V, EN = 0 V, IVDDH = 50 mA, VFBKB = 0 V
RCLAMP
0.6
–
10
Ω
VDDL Output Capacitor Capacitance (Note 12)
CVDDL
–
68
–
µF
VDDL Output Capacitor ESR (Note 12)
ESRVDDL
–
0.125
–
Ω
KEEP-ALIVE (STANDBY) REGULATOR VKAM
VKAM Output Voltage
IVKAM = 5.0 mA, VPWR = KA_VPWR = 18 V, EN = 5.0 V
VKAM
3.0
–
3.6
V
VKAM Output Voltage, EN = 0 V (Standby Mode)
VPWR = KA_VPWR = 26 V, IVKAM = 0.5 mA
VPWR = KA_VPWR = 18 V, IVKAM = 5.0 mA
VPWR = KA_VPWR = 5.0 V, IVKAM = 10.0 mA
VPWR = 0 V, KA_VPWR = 3.5 V, IVKAM = 5.0 mA
VKAM
3.0
3.0
3.0
2.0
–
–
–
–
3.6
3.6
3.6
3.5
V
VKAM Line Regulation, EN = 0 V (Standby Mode)
VPWR = KA_VPWR = 5.0 V to 18 V, IVKAM = 2.0 mA
RegLnVKAM
-20
–
20
mV
VKAM Load Regulation, EN = 0 V (Standby Mode)
VPWR = KA_VPWR = 14 V, IVKAM = 1.0 mA to 10 mA
RegLdVKAM
0
–
100
mV
Differential Voltage VKAM - VDDL
EN = 5.0 V, IVKAM = 5.0 mA, VPWR = KA_VPWR = 14 V, IVDDL = 200 mA
RegVKAM
-20
–
20
mV
VKAM Output Capacitor Capacitance (Note 12)
CVKAM
–
4.7
–
µF
VKAM Output Capacitor ESR (Note 12)
ESRVKAM
–
1.4
–
Ω
Notes
12.
Recommended value.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com