Electronic Components Datasheet Search
  English  ▼

X  

33997 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33997 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
33997
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
14
Power-On Reset Timer
This timer starts to time out at the end of the soft-start period
if the VDDH and VDDL outputs are in the valid regulation range.
If the timer “times out”, then the open-drain PWROK signal is
released, indicating that “power is ON”.
Supervisory Circuits PWROK and VKAMOK
The 33997 has two voltage monitoring open-drain outputs,
the PWROK and the VKAMOK pins. PWROK is "active high".
This output is pulled low when either of the regulator outputs
(VDDH or VDDL) are below their regulation windows. If both
regulator outputs are above their respective lower thresholds,
and the Power-On Reset Timer has expired, the output driver is
turned off and this pin is at high-impedance state (see
Figure 6).
The VKAMOK signal indicates a severe fault condition on
the keep-alive regulator output VKAM. The VKAM output voltage
is compared to the internal bandgap reference voltage. When
the VKAM falls below the bandgap reference voltage level, the
VKAMOK signal is pulled low.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com