Electronic Components Datasheet Search
  English  ▼

X  

33997 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33997
Description  Switching Power Supply with Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33997 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33997 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33997 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33997
15
APPLICATIONS
Figure 8. 33997 Application Circuit Schematic Diagram
Table 1. Recommended Components
Designator
Value/Rating
Description/Part No.
Manufacturer (Note 16)
Cf1
10 µF/50 V
Aluminum Electrolytic/UUB1H100MNR
Nichicon
Cf2, C2
1.0 µF/50 V
Ceramic X7R/C1812C105K5RACTR
Kemet
C1
100 µF/50 V
Aluminum Electrolytic/UUH1V101MNR
Nichicon
C3 (Note 15)
68 µF/10 V
Tantalum/T494D686M010AS
Kemet
C6
68 µF/10 V
Tantalum/T494D686M010AS
Kemet
C7
4.7 µF/10 V
Tantalum/T494A475M010AS
Kemet
C4, C5
100 nF/16 V
Ceramic X7R
Any Manufacturer
C8 (Optional)
390 pF/50 V
Ceramic X7R
Any Manufacturer
C9
22 nF/25 V
Ceramic X7R
Any Manufacturer
Notes
15.
It is possible to use ceramic capacitors in the switcher output, e.g. C3 = 2 x 22 µF/6.3 V X7R ceramic. In this case the compensation resistor
has to be changed to Rc1 = 200
Ω to stabilize the switching regulator operation.
16.
Motorola does not assume liability, endorse, or warrant components from external manufacturers that are referenced in circuit drawings or
tables. While Motorola offers component recommendations in this configuration, it is the customer’s responsibility to validate their application.
Note The VDDH total output current is 1.4 A. This includes the current used by the linear regulator VDDL and buffered outputs VREF1 and VREF2.
SNSEN
VPW R
KA _V PWR
GND
3399 7
EN
VS W
VDDH
DRVL
FB L
PW ROK
VKAM
VKAMOK
Vbg
VREF1
VREF2
I-lim
Ramp
Osc
Soft
St art
Logic
&
Latch
PwrO K
VkamO K
POR
3. 3V
Linear
Regulat or
Driver
3.3V
Standby
Reg.
Ba ndgap
Voltage
Referen ce
Ch arge
Pump
VREF1
Re g.
VREF2
Re g.
Vbg
V bg
CRES
VSUM
FBKB
Enable
Control
En b
Snsenb
Snse nb
Sn senb
Enb
Enb
Enb
Retry
Retry
Drive
C9
22nF
Cs1
33 nF
Lf1
10uH
C2
1.0uF
100uF
C1
Cf 2
1.0uF
10 uF
Cf1
Cs2
33nF
C6
68uF
100n F
C5
C4
100nF
68uF
C3
L1
15uH
C7
4.7 uF
R1
10k
R2
10k
Q1
Rc1
3.6k
Cc1
2. 2nF
D1
Dp1
Dp2
9
11
12
15
13
14
24
1
10
5-8
17-20
22
23
3
16
21
2
4
VDDL =3.3V
@40 0mA
VKAM =3.3V
@10mA
VDDH =5.0V
@ 1400mA total
C8
390 pF
R3
2.2 R
Opt io nal
Snubber
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com