Electronic Components Datasheet Search
  English  ▼

X  

34920 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 34920
Description  2.8 ohm (Typ) Quad H-Bridge Motor Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34920 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 34920 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
34920
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
On the VV1_FB glitch condition, RESET behaves as follows:
• If the VV1_FB supply falls below VV1T- and remains there
for less than tPERSIST (10 µs to 30 µs), RESET will not be
asserted. However, if the condition lasts longer than
tPERSIST, RESET will be asserted for a duration of
tDELAY. The 10 µs-to-30 µs persistence time specified in
tPERSIST is for ESD rejection. The reset trigger will be a
retriggerable one-shot, where the delay pulse will be
10
µs to 30 µs for the delay timeout.
ENVIRONMENTAL SPECIFICATIONS
AMBIENT TEMPERATURE AND RELATIVE
HUMIDITY
Table 11 lists the temperature and relative humidity for
operating and storage conditions for the 34920.
ESD IMMUNITY
Refer to the Maximum Ratings table, page 5.
OVERTEMPERATURE PROTECTION
The 34920 implements overtemperature detection and
shutdown functions. The overtemperature circuitry monitors
the device’s internal temperature and activates thermal
shutdown circuitry when the temperature exceeds
TJ(SHUTDOWN) (155°C minimum, 175°C maximum). The
thermal shutdown condition is maintained until the die
temperature falls below TJ(ENABLE) (135°C minimum, 155°C
maximum). Each voltage regulator and motor driver circuit
has its own individual shutdown circuit.
Table 11. Ambient Temperature and Humidity
Condition
Temperature (°C)
% Relative Humidity
Operating
0 to 70
8.0 to 80
Storage
-40 to 150
5.0 to 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com