Electronic Components Datasheet Search
  English  ▼

X  

34920 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 34920
Description  2.8 ohm (Typ) Quad H-Bridge Motor Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34920 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 34920 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34920
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Voltage Overshoot
External VCC Load Current from 0.01 to 0.500 A, tRISE > 100 ns
VOVRSHT
–
5.0%
–
–
Load Ripple
0.5 A maximum
VOUTRIPPLE
–
100
–
mV
VBOOST GENERATOR
Charge Pump Output Voltage
ILOAD = 1.0 mA
VVB-VVB+
10
–
14
V
BIPOLAR CURRENT REGULATED STEP MOTOR DRIVE SYSTEM
Peak Step Motor Current, Phase A or B
Motor Not Stalled
ISTEPMOTOR
PEAK
–
–
0.6
A
Maximum Allowable Voltage Drop Across Any H-Bridge Switch
ILOAD = 0.6 A (from Output to GND) or ILOAD = 0.6 A (from VVB+ to
Output)
VDROP
–
–
1.6
V
Comparator High Threshold Voltage
CURR_I0_PHASEX=0, CURR_I1_PHASEX=0
VTH
450
550
650
mV
Comparator Medium Threshold Voltage
CURR_I0_PHASEX=1, CURR_I1_PHASEX=0
VTM
300
–
440
mV
Comparator Low Threshold Voltage
CURR_I0_PHASEX=0, CURR_I1_PHASEX=1
VTL
105
–
255
mV
VOOFF Output Leakage Current for Step Motor Driver Outputs
VOOFF = 5.0 V
IOOFF
-1.0
0.1
1.0
mA
Step Motor Driver Thermal Shutdown Junction Temperature
TJ(SHUTDOWN)
155
–
175
oC
Step Motor Driver Thermal Enable Junction Temperature
TJ(ENABLE)
135
–
155
oC
Single MOSFET
Typical Value @ TJ = 25°C
RDS(ON)
–
1.43
–
Ω
DC MOTOR DRIVE SYSTEM
Maximum Allowable Voltage Drop Across Any H-Bridge Switch
ILOAD = 0.75 A (from Output to GND) or ILOAD = 0.75 A (from VVB+ to
Output) (Using 2 H-Bridges in Parallel)
VDROP
–
–
1.3
V
Peak DC Motor Driver Current
Motor Not Stalled (Using 2 H-Bridges in Parallel)
IDCMOTOR
PEAK CURRENT
–
–
1.2
A
DC Motor Overcurrent Threshold (7)
Motor Stalled (Paralleled H-Bridges Used for DC Motor Drive)
IDCMOTOROCT
1.6
2.0
2.5
A
DC Motor Driver Sustaining Current Value
Current Allowed to Sustain for a Minimum of 100 ms (OCT delay),
Current Ripple 100 mA (Peak-to-Peak or Less)
IDC_SUSTAIN
1.6
2.0
2.4
A
Notes
7.
Because the current clamp is applied to the top H-bridge transistors only, overcurrent protection applies to motor currents. But note that
no short circuit protection exists against shorts from the DC motor outputs (DR1A1, DR1A2, DR1B1, or DR1B2 to substrate ground or
to VB+.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 21 V ≤ VVB+ ≤ 42 V, TA = 10°C to 55°C, TJ max = 135°C, VCC = 5.25 V max unless
otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under typical conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com