Electronic Components Datasheet Search
  English  ▼

X  

34920 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 34920
Description  2.8 ohm (Typ) Quad H-Bridge Motor Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34920 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  34920 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34920
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34920 Pin Connections
Table 1. 34920 Pin Definitions
Pin Number
Pin Name
Formal Name
Definition
1
VB
Output pin to VVb
Pin to connect to VVb capacitor.
2
CP2
Capacitor to CP1
Pin for boost generator switch capacitor.
3
CP1
Capacitor to CP2
Pin for boost generator switch capacitor.
4
RESET
Reset Output
Active low Reset output.
5
VCC
VCC Supply Voltage
VCC power input for internal use. The 34920 accepts either 3.3 V ±10% or
5.0 V ±5% for its logic voltage.
6, 7, 17, 18,
28, 29, 39, 40
GND
Substrate Ground
Ground connections for digital IC circuitry.
8
V1_FB
V1 Regulator Feedback Input
Voltage feedback for the V1 regulator.
9
DR1_MODE
Mode Select for Driver 1
Selects operational mode of Driver 1; Step = 1/DC = 0.
10
V1_SWITCH
Internal MOSFET Source for V1
Regulator
Switching output for V1 regulator.
11, 15, 16,
23, 30, 31, 35
VB+
VB+ (Bulk) Supply Voltage
High-voltage supply for motors and regulators.
12
DR2A1
Driver 2, Bridge 1, Output A
Motor driver output.
13
DR2SENSE1
Driver 2, Bridge 1, I Sense
Current sense for current mode.
14
DR2B1
Driver 2, Bridge 1, Output B
Motor driver output.
19
DR1A1
Driver 1, Bridge 1, Output A
Motor driver output.
20
DR1SENSE1
Driver 1, Bridge 1, I Sense
Current sense for current mode.
DR2SENSE1
DR2A1
VB+
V1_SWITCH
DR1_MODE
V1_FB
GND
GND
30
31
32
33
34
35
36
29
DR2B1
VB+
VB+
DR2SENSE2
DR2A2
VB+
V2_SWITCH
DR2_MODE
V2_FB
GND
GND
DR2B2
VB+
VB+
37
38
39
16
15
14
13
12
11
10
17
9
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com