Electronic Components Datasheet Search
  English  ▼

X  

34920 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34920
Description  2.8 ohm (Typ) Quad H-Bridge Motor Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34920 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34920 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Document Number: MC34920
Rev. 2.0, 1/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
2.8
Ω (Typ) Quad H-Bridge
Motor Driver
The 34920 is a multifunctional analog ASIC. The 34920 integrates
two circuits, four H-bridge drivers, a reset circuit in a single IC, and
two DC/DC switching voltage regulators. Input voltage is 21 V to 42
V DC.
Each motor of the two driver blocks can be configured as either a
DC motor driver with pulse width modulation (PWM)-control or a
single bipolar step motor driver. In step motor mode, both drivers are
capable of being operated in the quarter step mode.
In DC motor mode, both bridges in a driver are in parallel, providing
2.4 A of drive current. In step motor mode, each bridge in a driver
drives one phase. Each phase is driven with a bipolar current mode
drive.
Features
• Individual Thermal Limit Protection
• User-Selectable Motors: 2 DC Motors (2.4 A/Motor), 2 Step
Motors (W1-2 Phase Control), 1 DC Motor and 1 Step Motor
• 2 Buck Regulators (Switching @ 200 kHz)
•VV2 Output Voltage Is Programmable to 10 V to 15 V DC
(Externally Set)
• Low-Voltage Detection Reset (VV1 and VVB+)
• Pb-Free Packaging Designated by Suffix Code EI
Figure 1. 34920 Simplified Application Diagram
H-BRIDGE MOTOR DRIVERS
FN SUFFIX
EI SUFFIX (PB-FREE)
98ASB42598B
44-PIN PLCC
34920
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34920FN/R2
-40°C to 125°C
44 PLCC
MC34920EI/R2
+
+
DC
MOTOR
DC
MOTOR
34920
MCU
VVB+
VV2
VV1
DR1A
DR2A
DR1B
DR2B
CP1
CP2
DR2PWM
SDI
DR1PWM
SCLK
RESET
CS
VB
VVB+
+
GND


Similar Part No. - 34920

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34920 BELDEN-34920 Datasheet
142Kb / 2P
Lead Wire, #20 Str TC, CSPE Ins, AWM 3190
05-05-2023
34920-0085000 BELDEN-34920-0085000 Datasheet
142Kb / 2P
Lead Wire, #20 Str TC, CSPE Ins, AWM 3190
05-05-2023
34920-0105000 BELDEN-34920-0105000 Datasheet
142Kb / 2P
Lead Wire, #20 Str TC, CSPE Ins, AWM 3190
05-05-2023
More results

Similar Description - 34920

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34920 MOTOROLA-MC34920 Datasheet
813Kb / 28P
2.8 OHM (Typ) Quad H-Bridge Motor Driver
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
ON Semiconductor
LV8414CS ONSEMI-LV8414CS Datasheet
357Kb / 37P
Quad H-Bridge Micro Step Motor Driver
March 2015 - Rev. 3
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
logo
Princeton Technology Co...
PT2475 PTC-PT2475 Datasheet
86Kb / 4P
1.2A Quad H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com