Electronic Components Datasheet Search
  English  ▼

X  

34920 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 34920
Description  2.8 ohm (Typ) Quad H-Bridge Motor Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34920 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  34920 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34920 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34920
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VB+ Supply Voltage
VVB+
45
V
VCC Voltage
VCC(MAX)
7.0
V
Bridge Output Current
IOUT
1.5
A
Maximum Voltage on RESET (1)
VMAXRST
VCC - 0.5
V
ESD Voltage (2)
Human Body Model
Machine Model
VESD1
VESD2
±1000
±100
V
THERMAL RATINGS
Storage Temperature
TSTG
-40 to 175
°C
Operating Ambient Temperature
TA
0 to 70
°C
Operating Junction Temperature
TJ
135
°C
Power Dissipation (TA = 25° C)
(3)
PD
2.0
W
Pin Soldering Temperature (4)
TSOLDER
220
°C
Thermal Resistance, Junction to Ambient (5)
RθJA
37
°C/W
Notes
1.
RESET
is an open drain (open collector) output with an internal pull-up resistor.
2.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 Ω), and the Charge Device Model (CDM), Robotic (CZAP = 4.0pF).
3.
Maximum power dissipation at indicated ambient temperature in free air with no heatsink used.
4.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
5.
RθJA is dependent on customer application and PCB layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com