Electronic Components Datasheet Search
  English  ▼

X  

OXCF950 Datasheet(PDF) 53 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 53 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 49Page - Oxford Semiconductor OXCF950 Datasheet HTML 50Page - Oxford Semiconductor OXCF950 Datasheet HTML 51Page - Oxford Semiconductor OXCF950 Datasheet HTML 52Page - Oxford Semiconductor OXCF950 Datasheet HTML 53Page - Oxford Semiconductor OXCF950 Datasheet HTML 54Page - Oxford Semiconductor OXCF950 Datasheet HTML 55Page - Oxford Semiconductor OXCF950 Datasheet HTML 56Page - Oxford Semiconductor OXCF950 Datasheet HTML 57Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 53 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
7 SERIAL EEPROM SPECIFICATION
The OXCF950 can be configured using an optional serial
electrically-erasable programmable read only memory
(EEPROM). If the EEPROM is not present, the device will
remain in its default configuration after reset. Although this
may be adequate for some applications, many will benefit
from the degree of programmability afforded by this
feature. The EEPROM also allows accesses to the
integrated UART, which can be useful for default setups.
The EEPROM interface supports a variety of serial
EEPROM devices that have a proprietary serial interface
known as MicrowireTM. This interface has four pins which
supply the memory device with a clock, a chip-select, and
serial data input and output lines. In order to read from
such a device, a controller has to output serially a read
command and address, then input serially the data. The
interface controller has been designed to handle (auto
detect) the following list of compatible devices that have a
16-bit data word format but differ in memory size (and
hence the number of address bits). NM93C46 (64
WORDS), NM93C56 (128 WORDS), devices with 256
WORDS, 512 WORDs and 1024 WORDS.
The OXCF950 incorporates a controller module which
reads data from the serial EEPROM and writes data into
the relevant register space. It performs this operation in a
sequence which starts immediately after a CF/PCMCIA
reset and ends either when the controller finds no
EEPROM is present or when it reaches the end of the
eeprom data.
Following device configuration, driver software can access
the serial EEPROM through four bits in the device-specific
Local Configuration Register ESC[4:1]. Software can use
this register to manipulate the device pins in order to read
and modify the EEPROM contents as desired.
A Windows
® based utility to program the EEPROM is
available. For further details please contact your local
distributor.
MicrowireTM is a trade mark of National Semiconductor. For
a description of MicrowireTM, please refer to National
Semiconductor data manuals.
7.1
EEPROM data Organisation
The serial EEPROM data is divided into 4 zones. The size
of each zone is an exact multiple of 16-bit WORDs. Zone 0
is allocated to the header. An EEPROM program must
contain a valid header before any further data is
interrogated. The EEPROM can be programmed from the
CF/PCMCIA Interface.. The general EEPROM data
structure is shown in Table 41.
Note the zone information is not stored 0,1,2,3 but as
shown in the table (0, 2, 1, 3).
DATA Zone
Size (WORDS)
Description
0
One
Header
2
One or more
Local Configuration registers
1
Two or more
CIS Configuration
3
Multiples of two
Function Access
Table 41: EEPROM Data Format
7.2
Zone 0: Header
The zone header identifies the EEPROM program as valid, and is the first value to be read and is at address 0 in the EEPROM.
It has the following format:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com