Electronic Components Datasheet Search
  English  ▼

X  

OXCF950 Datasheet(PDF) 8 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 8 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 4Page - Oxford Semiconductor OXCF950 Datasheet HTML 5Page - Oxford Semiconductor OXCF950 Datasheet HTML 6Page - Oxford Semiconductor OXCF950 Datasheet HTML 7Page - Oxford Semiconductor OXCF950 Datasheet HTML 8Page - Oxford Semiconductor OXCF950 Datasheet HTML 9Page - Oxford Semiconductor OXCF950 Datasheet HTML 10Page - Oxford Semiconductor OXCF950 Datasheet HTML 11Page - Oxford Semiconductor OXCF950 Datasheet HTML 12Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 8 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
3 PIN DESCRIPTIONS
TQFP Pin Number (TFBGA ball)
Dir1
Name
Description
CF/PCMCIA Interface and Control
46, 45, 43, 42
(D4, A2, A3, B3)
I
A[3:0]
PCMCIA/CF address bus, bits [3:0]
6, 7, 10, 11, 12, 37, 38, 41
(E2, E1, F1, F3, G1, A6, B5, A4)
I/O
D[7:0]
PCMCIA/CF data bi-directional bus.
44 (C3)
IU
REG#
Register select and I/O enable
5 (D1)
IU
CE[1]#
Active low card enable
4 (D2)
I
OE#
Active low memory read enable
1 (B1)
I
WE#
Active-low write enable used for strobing Memory Write data
(Attribute memory).
3 (C1)
IU
IORD#
Active-low I/O read enable
2 (C2)
IU
IOWR#
Active-low I/O write enable
32 (C5)
O
O
O
WP
IOIS16#
INT
Write protect (in Memory only mode)
Data is 16 bit (in IO and Memory mode)
C950 Mode:Active-high interrupt request
47 (B2)
IU
RESET
PCMCIA/CF Reset
48 (A1)
O
READY#
IREQ#
Device ready (in Memory only mode)
Active-low Interrupt request (in C950, IO and Memory mode).
UART / Local Bus Function
24 (H6)
O
SOUT
IrDA_Out
UART serial data output.
UART IrDA data output when MCR[6] is set in enhanced
mode.
23 (G5)
I
SIN
IrDA_In
UART serial data input.
UART IrDA data input when IrDA mode is enabled (see
above).
29 (E6)
I
DCD#
Active-low modem data-carrier-detect input.
26 (F5)
O
DTR#
485_En
Tx_Clk_Out
Active-low modem data-terminal-ready output. If automated
DTR# flow control is enabled, the DTR# pin is asserted and
de-asserted if the receiver FIFO reaches or falls below the
programmed thresholds, respectively.
In RS485 half-duplex mode, the DTR# pin may be
programmed to reflect the state of the transmitter empty bit to
automatically control the direction of the RS485 transceiver
buffer (see register ACR[4:3]).
Transmitter 1x clock (baud rate generator output). For
isochronous applications, the 1x (or Nx) transmitter clock may
be asserted on the DTR# pin (see register CKS[5:4]).
25 (G6)
O
RTS#
Active–low modem request-to-send output. If automated
RTS# flow control is enabled, the RTS# pin is de-asserted
and reasserted whenever the receiver FIFO reaches or falls
below the programmed thresholds, respectively.
27 (F6)
I
CTS#
Active-low modem clear-to-send input. If automated CTS#
flow control is enabled, upon de-assertion of the CTS# pin,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com