Electronic Components Datasheet Search
  English  ▼

X  

OXCF950 Datasheet(PDF) 57 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 57 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 53Page - Oxford Semiconductor OXCF950 Datasheet HTML 54Page - Oxford Semiconductor OXCF950 Datasheet HTML 55Page - Oxford Semiconductor OXCF950 Datasheet HTML 56Page - Oxford Semiconductor OXCF950 Datasheet HTML 57Page - Oxford Semiconductor OXCF950 Datasheet HTML 58Page - Oxford Semiconductor OXCF950 Datasheet HTML 59Page - Oxford Semiconductor OXCF950 Datasheet HTML 60Page - Oxford Semiconductor OXCF950 Datasheet HTML 61Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 57 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
9
DC ELECTRICAL CHARACTERISTICS
9.1
3.0V to 3.6V Operation
Symbol
Parameter
Condition
Min.
Max.
Units
VDD
Supply voltage
3.0
3.6
V
VIH
Input high voltage
LVTTL 5V tolerant Note 1
LVTTL
LVTTL Schmitt trigger
2.0
2.0
1.8 typical
2.3
V
V
IL
Input low voltage
LVTTL 5V tolerant Note 1
LVTTL
LVTTL Schmitt trigger
0.5
0.8
0.8
0.9 typical
V
V
H
Schmitt Hysteresis
LVTTL
0.4
V
IIH
Input high leakage current
Vin = VDD
-10
10
μA
IIL
Input low leakage current
Vin = VSS
-10
10
μA
VOH
Output high voltage
IOH = 2 mA Note2
2.4
V
VOL
Output low voltage
IOL = 2 mA Note2
0.4
V
IOZ
3-state output leakage current
-10
10
μA
IST
Static current Note3
Vin = VDD or VSS
-
40
μA
ICC
Operating supply current in
normal mode Note3
fCK = 1.8432 MHz
fCK = 8.192 MHz
fCK = 50.00 MHz
0.9
3.3
10.7
1.1
3.6
11.4
mA
Operating supply current in sleep
mode Note3
fCK = 1.8432 MHz
fCK = 8.192 MHz
fCK = 50.00 MHz
-
0.7
2.6
6.6
mA
Table 49: DC Electrical Characteristics
Note 1:
All input buffers are 5V tolerant LVTTL with the exception of RESET, Z_CTS,Z_DSR, Z_DCD and Z_RI which are Schmitt triggered
LVTTL, and XTLI which is LVTTL but not 5V tolerant.
Note 2:
All output buffers are 4 mA drive capability, with the exception of the EEPROM signals, Z_IOIS16, Z_IREQ and the UART output
signals which are all 2 mA drive capability.
Note 3:
Divider ratio of 1. These are sample measured figures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com