Electronic Components Datasheet Search
  English  ▼

X  

OXCF950 Datasheet(PDF) 15 Page - Oxford Semiconductor

Part # OXCF950
Description  low cost asynchronous 16-bit PC card or Compact Flash UART device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OXFORD [Oxford Semiconductor]
Direct Link  http://www.oxsemi.com
Logo OXFORD - Oxford Semiconductor

OXCF950 Datasheet(HTML) 15 Page - Oxford Semiconductor

Back Button OXCF950 Datasheet HTML 11Page - Oxford Semiconductor OXCF950 Datasheet HTML 12Page - Oxford Semiconductor OXCF950 Datasheet HTML 13Page - Oxford Semiconductor OXCF950 Datasheet HTML 14Page - Oxford Semiconductor OXCF950 Datasheet HTML 15Page - Oxford Semiconductor OXCF950 Datasheet HTML 16Page - Oxford Semiconductor OXCF950 Datasheet HTML 17Page - Oxford Semiconductor OXCF950 Datasheet HTML 18Page - Oxford Semiconductor OXCF950 Datasheet HTML 19Page - Oxford Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
DS-0027 Feb 06
External—Free Release
Page 15 of 66
OXCF950 rev B DATA SHEET
OXFORD SEMICONDUCTOR, INC.
Local Bus Address1 (hex)
CF/PCMCIA offset from
address 0 for Local Bus
function in IO space (hex)
0
8
1
9
2
A
3
B
4
C
5
D
6
E
7
F
Table 5: Local Bus mapping in I/O space
Note 1: Although only 4 bits of IO address space are
requested by the default CIS in the device, the address
range may be extended past these four bits. This can be
achieved by modifying the CIS, via the EEPROM, and
connecting the extended address bits to the external local
bus device. A3 is used by the OXCF950 to determine
internal/external accesses, so a linear address range for
external devices over 8 addresses is not possible.
5.3.3
Accessing Local Configuration Registers
The local configuration registers are a set of device specific registers, which can be accessed via standard IO mapping. As the
device is configured as a single function device, no base address is required to access the local configuration registers. Since IO
mapping is used, access to the local configuration registers is permitted only after the card has been configured. Once the
Configuration Options Register has been set in the Attribute area, the local configuration registers can be accessed following the
mapping shown in Table 6. This access is always permitted in Normal Mode. In Local Bus Mode access is only permitted if bit[0]
is set to ‘1’ in the MDR register in the UART, otherwise the local bus will be accessed rather than the local configuration
registers. In Generic Normal mode, the MDR register causes the configuration registers to overlay the UART address space (0 to
7).
Since the local configuration registers can be accessed in a variety of ways, it can complicate driver writing tasks.
The following sequence can be used to ensure correct access in Generic, Normal or Local Bus Modes.
1. Write to UART SPR register (offset 7) with 0xFE. This sets the ICR to point to the MDR register.
2. Write to UART ICR register (offset 5) with 0x01. This sets bit 0 of the MDR register. The configuration registers are
now accessible, but they may be in address range 0 to 7 or 8 to 15 depending on Generic mode or not.
3. Read offset 7. If bit 7 is set, the configuration registers can be found in the offset address range 8 to 15. If bit 7 is clear,
the registers are overlaying the UART registers and can be found in the offset address range 0 to 7.
4. Using the offset discovered in (3) access the required local configuration registers.
5. Write to offset 7 with 0xfe, followed by a write to offset 5 with 0. This will switch back to normal operation.
CF/PCMCIA offset from address 0 for local
configuration registers in IO space (hex)
Register Map
8 (0 in Generic mode)
EEPROM Status and Control register
9 (1 in Generic mode)
Multi-Purpose I/O Configuration register
A (2 in Generic mode)
UART Divider/Interrupt Pulse Width Divider register
B (3 in Generic mode)
Mode Status register
C (4 in Generic mode)
Interrupt Status register
D (5 in Generic mode)
Soft UART/Local Bus reset register
E (6 in Generic mode)
Generic Mode control
F (7 in Generic mode)
Page switch out control (in Generic Mode)
Table 6: Local Configuration Register's mapping in I/O space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com