Electronic Components Datasheet Search
  English  ▼

X  

T2H015TW Datasheet(PDF) 32 Page - ABB

Part # T2H015TW
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T2H015TW Datasheet(HTML) 32 Page - ABB

Back Button T2H015TW Datasheet HTML 28Page - ABB T2H015TW Datasheet HTML 29Page - ABB T2H015TW Datasheet HTML 30Page - ABB T2H015TW Datasheet HTML 31Page - ABB T2H015TW Datasheet HTML 32Page - ABB T2H015TW Datasheet HTML 33Page - ABB T2H015TW Datasheet HTML 34Page - ABB T2H015TW Datasheet HTML 35Page - ABB T2H015TW Datasheet HTML 36Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
T6
ABB
Discount Schedule DS-ST
29
AC1615S - 03/10
T6
600A / 800A, 600VAC ∆
Electronic (AC Only)
T6-800A Frame, Electronic Trip Unit (AC Only) 320-800A Adjustable Range
Breaker
IC at
600VAC
Trip
Unit
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
T6N
20kA
PR221 LS/I
T6N800BW
T6N800BW-4
PR222 LSI
T6N800CW
T6N800CW-4
PR222 LSIG
T6N800EW
T6N800EW-4
T6S
25kA
PR221 LS/I
T6S800BW
PR222 LSI
T6S800CW
PR222 LSIG
T6S800EW
T6H
35kA
PR221 LS/I
T6H800BW
T6H800BW-4
PR222 LSI
T6H800CW
T6H800CW-4
PR222 LSIG
T6H800EW
T6H800EW-4
T6L
42kA
PR221 LS/I
T6L800BW
PR222 LSI
T6L800CW
PR222 LSIG
T6L800EW
T6-600A Frame, Electronic Trip Unit (AC Only) 240-600A Adjustable Range
Breaker
IC at
600VAC
Trip
Unit
3-Pole, 600VAC
Part Number
List
Price
4-Pole, 600VAC
Part Number
List
Price
T6N
20kA
PR221 LS/I
T6N600BW
T6N600BW-4
PR222 LSI
T6N600CW
T6N600CW-4
PR222 LSIG
T6N600EW
T6N600EW-4
T6S
25kA
PR221 LS/I
T6S600BW
PR222 LSI
T6S600CW
PR222 LSIG
T6S600EW
T6H
35kA
PR221 LS/I
T6H600BW
T6H600BW-4
PR222 LSI
T6H600CW
T6H600CW-4
PR222 LSIG
T6H600EW
T6H600EW-4
T6L
42kA
PR221 LS/I
T6L600BW
PR222 LSI
T6L600CW
PR222 LSIG
T6L600EW
Breaker
IC at
600VAC
Trip
Unit
3-Pole, 600VAC
Part Number
List
Price
20kA
PR221 LS/I
T6NQ600BW
T6N
PR222 LSI
T6NQ600CW
PR222 LSIG
T6NQ600EW
25kA
PR221 LS/I
T6SQ600BW
T6S
PR222 LSI
T6SQ600CW
PR222 LSIG
T6SQ600EW
35kA
PR221 LS/I
T6HQ600BW
T6H
PR222 LSI
T6HQ600CW
PR222 LSIG
T6HQ600EW
42kA
PR221 LS/I
T6LQ600BW
T6L
PR222 LSI
T6LQ600CW
PR222 LSIG
T6LQ600EW
Breaker
IC at
600VAC
Trip
Unit
3-Pole, 600VAC
Part Number
List
Price
20kA
PR221 LS/I
T6NQ800BW
T6N
PR222 LSI
T6NQ800CW
PR222 LSIG
T6NQ800EW
25kA
PR221 LS/I
T6SQ800BW
T6S
PR222 LS/I
T6SQ800CW
PR222 LSIG
T6SQ800EW
35kA
PR221 LS/I
T6HQ800BW
T6H
PR222 LSI
T6HQ800CW
PR222 LSIG
T6HQ800EW
42kA
PR221 LS/I
T6LQ800BW
T6L
PR222 LSI
T6LQ800CW
PR222 LSIG
T6LQ800EW
T6-800A Frame, 100% Rated Electronic Trip Unit (AC Only) 320-800A Adjustable Range
T6-600A Frame, 100% Rated Electronic Trip Unit (AC Only) 240-600A Adjustable Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com