Electronic Components Datasheet Search
  English  ▼

X  

T2H015TW Datasheet(PDF) 47 Page - ABB

Part # T2H015TW
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T2H015TW Datasheet(HTML) 47 Page - ABB

Back Button T2H015TW Datasheet HTML 43Page - ABB T2H015TW Datasheet HTML 44Page - ABB T2H015TW Datasheet HTML 45Page - ABB T2H015TW Datasheet HTML 46Page - ABB T2H015TW Datasheet HTML 47Page - ABB T2H015TW Datasheet HTML 48Page - ABB T2H015TW Datasheet HTML 49Page - ABB T2H015TW Datasheet HTML 50Page - ABB T2H015TW Datasheet HTML 51Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 81 page
background image
44
Discount Schedule DS-ST8
ABB
AC1615S - 03/10
T8
T8V
1600A / 2000A / 2500A / 3000A, 600VAC ∆
Accessories
Shunt Trips (YO) and Closing Coils (YC)
Frame Size
Voltage
YO
Part Number
List
Price
YC
Part Number
List
Price
T8
24VDC
KT8ES0
KT8EC0
30VAC/DC
KT8ES9
KT8EC9
48VAC/DC
KT8ES8
KT8EC8
60VAC/DC
KT8ES7
KT8EC7
110/120VAC/DC
KT8ES6
KT8EC6
120/127VAC/DC
KT8ES5
KT8EC5
220/240VAC/DC
KT8ES4
KT8EC4
250VAC/DC
KT8ES3
KT8EC3
380/400VAC
KT8ES2
KT8EC2
440/480VAC
KT8ES1
KT8EC1
Undervoltage Release (UVR) or Additional Shunt Trip (YO2)
Frame Size
Voltage
YO
Part Number
List
Price
YC
Part Number
List
Price
T8
24VDC
KT8EU0
KT8ES0-2
30VAC/DC
KT8EU9
KT8ES9-2
48VAC/DC
KT8EU8
KT8ES8-2
60VAC/DC
KT8EU7
KT8ES7-2
110/120VAC/DC
KT8EU6
KT8ES6-2
120/127VAC/DC
KT8EU5
KT8ES5-2
220/240VAC/DC
KT8EU4
KT8ES4-2
250VAC/DC
KT8EU3
KT8ES3-2
380/400VAC
KT8EU2
KT8ES2-2
440/480VAC
KT8EU1
KT8ES1-2
Note: UVR and YO2 are mutually exclusive (only one device can be installed)
Signaling Contacts
Frame Size
Voltage
Part
Number
List
Price
T8
4 aux. cont. open/close PR331
KT8AS4
4 aux. cont. open/close PR332
KT8AS4-332
4 aux. cont. open/close for PR232-331 (low power <24V)
KT8AS4L
4 aux. cont. open/close for PR332 (low power <24V)
KT8AS4L-332
BA - bell alarm contact ( 1 form "c")
KT8ETBA
BA + remote reset 24…30VAC/DC
KT8ETBAR9
BA + remote reset 110…130VAC/DC
KT8ETBAR5
BA + remote reset 220…240VAC/DC
KT8ETBAR4
UVR de-energized contact - NC
KT8EUE10
UVR de-energized contact - NO
KT8EUE01
Stored Energy Motor (M)
Frame Size
Voltage
Part
Number
List
Price
T8
24/30VAC/DC
KT8EM9
48/60VAC/DC
KT8EM7
100/130VAC/DC
KT8EM5
220/250VAC/DC
KT8EM3
Note: 4 aux. cont. open/close supplied as standard with PR332 trip unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com