Electronic Components Datasheet Search
  English  ▼

X  

T2H015TW Datasheet(PDF) 52 Page - ABB

Part # T2H015TW
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T2H015TW Datasheet(HTML) 52 Page - ABB

Back Button T2H015TW Datasheet HTML 48Page - ABB T2H015TW Datasheet HTML 49Page - ABB T2H015TW Datasheet HTML 50Page - ABB T2H015TW Datasheet HTML 51Page - ABB T2H015TW Datasheet HTML 52Page - ABB T2H015TW Datasheet HTML 53Page - ABB T2H015TW Datasheet HTML 54Page - ABB T2H015TW Datasheet HTML 55Page - ABB T2H015TW Datasheet HTML 56Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
ABB
Discount Schedule DS-STA
49
AC1615S - 03/10
Acc.
Accessories
Electrical
T1-T6
KTs3AS
T1 with K3TAS
Auxiliary Contacts - AUX (1)
Auxiliary contacts are for indication of the circuit breaker open-closed. Bell alarm contacts (BA) can be
used to indicate circuit breaker tripped.
Frame Size
Factory Installation
Field Installation
Part Number
Suffix
List Price
Adder
Part
Number
List
Price
T1-T2-T3 (2)
1 AUX "C" + 1 BA "C" 250VAC/DC
A
KT3AS
3 AUX "C" + 1 BA "C" 250VAC/DC
A3
KT3AS3
T2 (3)
2 AUX "C" + 1 BA "C" PR221DS
AE
KT2AS-E
1 AUX "C" + 1 BA "C" + 1S51 "C" PR221DS
AE2
KT2AS-E2
Ts3
2 AUX "C" 250VAC/DC
A
KTs3AS
1 AUX "C" + 1 BA "C" 250VAC/DC
BA
KTs3BA
T4-T5-T6
1 AUX "C" + 1 BA "C" 250VAC/DC
A
KT6AS
2 AUX "C" 400VAC
A2
KT6AS2
3 AUX "C" + 1 BA "C" 250VAC/DC
A3
KT6AS3
3 AUX "C" + 1 BA "C" 24VDC
A3L
KT6AS3L
Auxiliary Contact Connector (Required for Ts3) (4)
Ts3
Fixed
Not required for factory installed
Not required for factory installed
KTs3C-AB
Plug-In /Drawout
KTs3C-ABP
(1) Add suffix to circuit breaker part number. See p.4 for more details.
(2) Not compatible for T2 with PR221DS trip unit.
(3) For installation on T2 with PR221DS electronic trip unit
(4) Must be ordered separately for field installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com