Electronic Components Datasheet Search
  English  ▼

X  

T2H015TW Datasheet(PDF) 53 Page - ABB

Part # T2H015TW
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T2H015TW Datasheet(HTML) 53 Page - ABB

Back Button T2H015TW Datasheet HTML 49Page - ABB T2H015TW Datasheet HTML 50Page - ABB T2H015TW Datasheet HTML 51Page - ABB T2H015TW Datasheet HTML 52Page - ABB T2H015TW Datasheet HTML 53Page - ABB T2H015TW Datasheet HTML 54Page - ABB T2H015TW Datasheet HTML 55Page - ABB T2H015TW Datasheet HTML 56Page - ABB T2H015TW Datasheet HTML 57Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
50
Discount Schedule DS-STA
ABB
AC1615S - 03/10
Acc.
Accessories
Motor Operators
T1-T6
KT3M1
KTS3M2
KT5M2
Electrical Operators
Allows remote opening and closing of circuit breaker
Frame Size
Voltage
Part
Number
List
Price
Solenoid Operator
T1-T2-T3
48 - 60VDC
KT3M1
110 - 250VAC/DC
KT3M2
Direct Action Motor Operator
Ts3
240VAC/250VDC
KTs3M2
120VAC/125VDC
KTs3M4
48VDC
KTs3M7
24VDC
KTs3M8
Motor Operator Connector (Required for Ts3) (1)
Ts3
Fixed Mount
KTS3C-M
Plug-In / Draw-out
KTS3C-MP
Stored Energy Motor Operator
T4-T5
220-250VAC/DC
KT5M2
110--125-VAC/DC
KT5M4
48-60VDC
KT5M7
24VDC
KT5M8
380VAC
KT5M3
Stored Energy Motor Operator
T6
220-250VAC/DC
KT6M2
110--125-VAC/DC
KT6M4
48-60VDC
KT6M7
24VDC
KT6M8
380VAC
KT6M3
Stored Energy Motor With Communication (IEC)
T4-T5
220-250VAC/DC
KT5M2-E
380VAC
KT5M3-E
110-125VAC/DC
KT5M4-E
48-60VDC
KT5M7-E
24VDC
KT5M8-E
T6
220-250VAC/DC
KT6M2-E
380VAC
KT6M3-E
110-125VAC/DC
KT6M4-E
48-60VDC
KT6M7-E
24VDC
KT6M8-E
Dry Contact for Remote/Manual Operation
T4-T5-T6
-
KT6MA
(1) Must be ordered separately for field installation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com