Electronic Components Datasheet Search
  English  ▼

X  

T2H015TW Datasheet(PDF) 8 Page - ABB

Part # T2H015TW
Description  Tmax Molded Case Circuit Breakers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

T2H015TW Datasheet(HTML) 8 Page - ABB

Back Button T2H015TW Datasheet HTML 4Page - ABB T2H015TW Datasheet HTML 5Page - ABB T2H015TW Datasheet HTML 6Page - ABB T2H015TW Datasheet HTML 7Page - ABB T2H015TW Datasheet HTML 8Page - ABB T2H015TW Datasheet HTML 9Page - ABB T2H015TW Datasheet HTML 10Page - ABB T2H015TW Datasheet HTML 11Page - ABB T2H015TW Datasheet HTML 12Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
ABB
5
AC1615S - 03/10
T1
T1
100A, 600Y/347VAC, 480VAC ∆
Thermal-Magnetic
T1
General
The T1 breaker family ranges from 15 through 100 amperes. The T1 trip units
are non-interchangeable and use the very latest technology in electromagnetic
relays for overcurrent trip protection. Thermal overload protection is provided by
heat sensitive bimetals. Short-circuit protection for the breaker is accomplished
using a precise magnetic coil. State of the art construction in contacts and
arcing chambers aid in limiting damaging fault currents through the protected
circuits.
Standards
The UL489/CSA C22.2 No. 5 version of T1 also carries an IEC-60947-2 rating.
Versions
The T1 frame is available in two versions:
T = Thermal-magnetic, fixed
D = Molded case switch
Performance Levels
The T1 breaker has two performance levels available:
B = Basic (Single Pole)
N = Normal (3 or 4 pole)
Number of Poles
The UL/CSA version of the T1 is available in single, three and four pole versions.
IEC versions of the T1 are also available with the same dimensions up to
160 amperes. Please contact ABB for details.
Reverse Feeding
All versions of the T1 family are suitable for reverse feed applications.
Molded Case Switches
UL/CSA switches include no overcurrent protection except for a high
instantaneous trip mechanism for self protection.
Dimensions
3P Fixed Version 5.12H x 3.00W x 2.76D
Weight
2.34 (Ibs)
IEC 60947-2 Interrupting Capacity (kA RMS)
Voltage
Continuous Rating
B (1-Pole)
N
230VAC
16 – 160A
25
50
415VAC
16 – 160A
—
36
440VAC
16 - 160A
—
22
500VAC
16 - 160A
—
15
690VAC
16 – 160A
—
6
250VDC 2 pole series
16 - 160A
—
36
500VDC 2 pole series
16 – 160A
—
36
UL489 / CSA C22.2 Interrupting Capacity (kA RMS)
Voltage
Continuous Rating
B (1-Pole)
N
240VAC
15
20 – 100
—
—
35
50
277VAC
15
20 – 100
10
18
—
—
347VAC
15
20 – 100
10
14
—
—
480Y/277VAC
15
—
14
480VAC
20 – 100
—
22
600Y/347VAC
15 – 100
—
10
250VDC 2 pole series
15 – 100A
—
25
500VDC 3 pole series
15 – 100A
—
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com